データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ATmega48P データシート(PDF) 14 Page - ATMEL Corporation

部品番号 ATmega48P
部品情報  Atmel짰 AVR짰 32-bit microcontrollers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega48P データシート(HTML) 14 Page - ATMEL Corporation

Back Button ATmega48P Datasheet HTML 10Page - ATMEL Corporation ATmega48P Datasheet HTML 11Page - ATMEL Corporation ATmega48P Datasheet HTML 12Page - ATMEL Corporation ATmega48P Datasheet HTML 13Page - ATMEL Corporation ATmega48P Datasheet HTML 14Page - ATMEL Corporation ATmega48P Datasheet HTML 15Page - ATMEL Corporation ATmega48P Datasheet HTML 16Page - ATMEL Corporation ATmega48P Datasheet HTML 17Page - ATMEL Corporation ATmega48P Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
© 2013 / www.atmel.com
14
Automotive RF Solutions
Car Access
Having launched its first dedicated car access Atmel
continues to recognize the importance of security in
the automotive area. Atmel offers a comprehensive
range of car access solutions from immobilizers to
full-duplex transceivers perfect for the prevention of
automotive theft. The Atmel automotive safety
Watchdog ICs
Stand-alone Body Electronic ICs
portfolio also features extremely secure Passive Entry Go
(PEG) solutions. In fact, Atmel provides all the devices
needed to design a complete car access system. Customers
have the flexibility to create their own dedicated designs
using the low-power Atmel transmitter IC, receiver IC,
and microcontroller families.
Part No.
Description
Package
ATA6020
Watchdog IC, Programmable via Metal Mask (Based on the Atmel ATAR080 Microcontroller)
SO20
ATA5021
Watchdog Timer, Active and Sleep Mode, 1 Wake-up Input, Enable Output
SO8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20