データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCA84C643 データシート(PDF) 18 Page - NXP Semiconductors

部品番号 PCA84C643
部品情報  8-bit microcontrollers with OSD and VST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA84C643 データシート(HTML) 18 Page - NXP Semiconductors

Back Button PCA84C643 Datasheet HTML 14Page - NXP Semiconductors PCA84C643 Datasheet HTML 15Page - NXP Semiconductors PCA84C643 Datasheet HTML 16Page - NXP Semiconductors PCA84C643 Datasheet HTML 17Page - NXP Semiconductors PCA84C643 Datasheet HTML 18Page - NXP Semiconductors PCA84C643 Datasheet HTML 19Page - NXP Semiconductors PCA84C643 Datasheet HTML 20Page - NXP Semiconductors PCA84C643 Datasheet HTML 21Page - NXP Semiconductors PCA84C643 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
1996 Nov 29
18
Philips Semiconductors
Product specification
8-bit microcontrollers with OSD and VST
84C44X; 84C64X; 84C84X
Table 5
User mask programmable port option list
Notes
1. Each pin can be configured to a HIGH (S) or LOW (R)
state after power-on-reset. The required state of each
pin is therefore specified by R or S.
2. DP1.4 available only with the PCA84C440,
PCA84C443, PCA84C640, PCA84C643,
PCA84C840 and PCA84C843.
PORT
PIN
OPTION(1)
P0.0
13
P0.1
14
P0.2
15
P0.3
16
P0.4
17
P0.5
18
P0.6
19
P0.7
20
P1.0
7
P1.1
8
P1.2
10
P1.3
11
P1.4
12
DP0.0
1
DP0.1
2
DP0.2
3
DP0.3
4
DP0.4
5
DP0.5
6
DP0.6
40
DP0.7
39
DP1.0
41
DP1.1
38
DP1.2
37
DP1.3
36
DP1.4(2)
34
DP1.5
23
DP1.6
22
DP1.7
9
VOB
25
3
R
VOW3
24
3
R
Table 6
Port options for the 84C640 in emulation mode
PORT
PIN
OPTION
P0.0
13
1
S
P0.1
14
1
S
P0.2
15
1
S
P0.3
16
1
S
P0.4
17
1
S
P0.5
18
1
S
P0.6
19
1
S
P0.7
20
1
S
P1.0
7
1
S
P1.1
8
1
S
P1.2
10
1
S
P1.3
11
1
S
P1.4
12
1
S
DP0.0
1
DP0.1
2
DP0.2
3
DP0.3
4
DP0.4
5
DP0.5
6
DP0.6
40
2
S
DP0.7
39
2
S
DP1.0
41
DP1.1
38
DP1.2
37
DP1.3
36
DP1.4
34
DP1.5
23
DP1.6
22
DP1.7
9
VOB
25
3
R
VOW3
24
3
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40