| データシートサーチシステム |
|
ADNS-5712 データシート(PDF) 2 Page - Pixart Imaging Inc. |
|
|
|||||||||||||||||||||||||||||
ADNS-5712 データシート(HTML) 2 Page - Pixart Imaging Inc. |
|
2 / 15 page ![]() ADNS-5712 _____________________________________________________________________________________________________________________________ All rights strictly reserved, any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission. E-mail: fae_service@pixart.com ADNS-5712-GDS-R1.2 20160902 2 1. Overview Functional Block Diagram and Operation ADNS-5712 is an USB1.1 Full Speed interfaced mouse sensor with a CMOS-processed image sensor, mixed-mode analog front-end circuits, integrated digital image processing circuits and versatile digital functional circuits for various mouse applications. It is based on an optical navigation technology which measures changes in position by optically acquiring sequential surface images (frames) and mathematically determining the speed, the direction and the magnitude of motion. The displacement delta_X and delta_Y information are available in registers which are accessible through USB interface. CMOS IMAGE SENSOR DIGITAL SIGNAL PROCESSOR POWER ON RESET USB MOUSE CONTROLLER PWM LED INDICATOR SCAN BUTTON RC OSC Z-AXIS COUNTER KEYBOARD LED DRIVER BUTTON LED INDICATOR WHEEL USB INTERFACE LED P2 P1 P0 P3 S1 S0 Z1 Z2 D+ D- VDD5V POWER VSS VDD33Q ANALOG FRONT-END CIRCUITS Figure 1. Function Block Diagram |