データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SAML22 データシート(PDF) 17 Page - ATMEL Corporation

部品番号 SAML22
部品情報  AVR UC3 A0/A1 (revision H and later)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAML22 データシート(HTML) 17 Page - ATMEL Corporation

Back Button SAML22 Datasheet HTML 11Page - ATMEL Corporation SAML22 Datasheet HTML 12Page - ATMEL Corporation SAML22 Datasheet HTML 13Page - ATMEL Corporation SAML22 Datasheet HTML 14Page - ATMEL Corporation SAML22 Datasheet HTML 15Page - ATMEL Corporation SAML22 Datasheet HTML 16Page - ATMEL Corporation SAML22 Datasheet HTML 17Page - ATMEL Corporation SAML22 Datasheet HTML 18Page - ATMEL Corporation SAML22 Datasheet HTML 19Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
ASF
17
common/services/ioport/mega/ioport.h
•
Issue #ASFP-6153: SAM V71 - USB host issue about detect device.
File modified:
sam/drivers/usbhs/usbhs_host.c
•
Issue #ASFP-6154: WINC1500 SAM4S example shows error message "(APP)(ERR)hif_isr 536(hif) False
interrupt 0".
Files modified:
common/components/wifi/winc1500/bsp/source/nm_bsp_sam4s.c
common/components/wifi/winc1500/bsp/source/nm_bsp_same70.c
common/components/wifi/winc1500/bsp/source/nm_bsp_samg53.c
common/components/wifi/winc1500/bsp/source/nm_bsp_samg55.c
•
Issue #ASFP-6156: Update SAM V/S/E FWS according datasheet.
File modified:
sam/utils/cmsis/same70/source/templates/system_same70.c
sam/utils/cmsis/sams70/source/templates/system_sams70.c
sam/utils/cmsis/samv70/source/templates/system_samv70.c
sam/utils/cmsis/samv71/source/templates/system_samv71.c
•
Issue #ASFP-6157: SAML21 : Incorrect constants for DAC Current mode.
File modified:
sam0/drivers/dac/dac_sam_l/dac_feature.h
•
Issue #ASFP-6161: Host driver version number of WINC1500 is shown incorrectly.
File modified:
common/components/wifi/winc1500/driver/include/m2m_types.h
•
Issue #ASFP-6162: Error in device id for devices SAM4SDxB,SAM4SDxC in component_chipid.h.
File modified:
sam/drivers/chipid/chipid_example/chipid_example.c
sam/utils/cmsis/sam4s/include/component/component_chipid.h
Known issues
•
Issue #ASFP-184: AT42QT1060 driver - use of EIC hardcoded for EVK1105 only.
AT42QT1060 component is not supported by the AT32UC3A0 and AT32UC3A1 device family.
•
Issue #ASFP-198: PolarSSL needs to be updated to version 1.0.0 to solve build error.
Header file "openssl.h" from polarssl version 0.14.0 has some wrong function definition that creates
build error. Update to version 0.99 will solve the issue
•
Issue #ASFP-881: XMEGA NVM driver does not support XMEGA A3 rev B errata.
XMEGA NVM driver does not support XMEGA A3 rev B errata.
•
Issue #ASFP-882: Sensor library fails compilation if not using a board in the 'Xplained' series of boards.
Sensor library fails compilation if not using an board in the "Xplained" series of boards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com