データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SAMR21 データシート(PDF) 9 Page - ATMEL Corporation

部品番号 SAMR21
部品情報  AVR UC3 A0/A1 (revision H and later)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMR21 データシート(HTML) 9 Page - ATMEL Corporation

Back Button SAMR21 Datasheet HTML 5Page - ATMEL Corporation SAMR21 Datasheet HTML 6Page - ATMEL Corporation SAMR21 Datasheet HTML 7Page - ATMEL Corporation SAMR21 Datasheet HTML 8Page - ATMEL Corporation SAMR21 Datasheet HTML 9Page - ATMEL Corporation SAMR21 Datasheet HTML 10Page - ATMEL Corporation SAMR21 Datasheet HTML 11Page - ATMEL Corporation SAMR21 Datasheet HTML 12Page - ATMEL Corporation SAMR21 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
ASF
9
•
LWMesh: added device support for SAM R21/D21, SAM4S and SAM4E; added EDDemo and Peer2Peer
support, SecurityMode0(HW Security) support, identify commands feature support for WSNDemo application;
componentization of WSNDemo app.
Release ASF3.16 (Apr 2014)
•
SAM4C: Add CMCC driver support
•
SAM D21: Add additional drivers and examples (USB device class support: composite/HID/PDHC, SD/MMC
support, getting started and i2c slave applications)
•
Add lwIP 1.4.1 and Ethernet Xplained Pro extension support for SAM D20
Release ASF3.15 (Feb 2014)
•
SAM D21: added support for SAM D21 device series and SAMD21-XPRO support; added drivers support for
AC, ADC, BOD, DAC, DMA, EVENTS, EXTINT, I2S, NVM, PAC, PORT, RTC, SERCOM(SPI, USART, I2C),
System(clock, interrupt, pinmux), TC, TCC, USB, WDT, serial_flash, at30ts75, ssd1306, virtual_mem ; added
services support for eeprom, delay, gfx_mono, ctrl_access, USB host (HID, CDC, MSC, Vendor, composite),
USB device (HID, CDC, MSC, Vendor); added third party support for CMSIS, freertos, added applications
support for dac_sound_player, led_toggle, osc8_calib, sleepwalking_adc, tictactoe, xosc32k_failure_detector.
•
SAM4CP: added SAM4CP device series support.
•
SAM4E-XPRO: added SAM4E-XPRO kit support with examples.
•
LWMesh Stack: supported MCU SAMD20,SAM4L,MegaRF,XmegaA3; supported Transceivers: AT86RF212,
AT86RF212B, AT86RF231, AT86RF233, ATMEGARFA1, ATMEGARFR2.
•
ZID Stack: supported MCU Family : MegaRF,XmegaA3U; Supported Transceivers :
AT86RF233,ATMEGARFR2.
Release ASF3.14 (Dec 2013)
•
SAMG: added support for SAMG51 and SAMG53 device series and SAMG53-XPRO support; added drivers
support for adc, chipid, efc, gpbr, i2sc, matrix, mem2mem, pdc, pdm, pio, pmc, rtc, rtt, spi, supc, tc, twi, twihs,
uart, usart, wdt; added services support for clock, delay, ioport, serial, sleep manager, flash_efc, twi; added third
party support for CMSIS, freertos, added applications support for getting-started and low-power.
•
SAM4C: added SAM4C32 device series support.
•
SAM4E: added SAM4ExC device series support.
•
IEEE 802.15.4 MAC GTS feature support for SAM D20.
•
Note: SAMG projects require a part support package for Atmel Studio 6.1
Release ASF3.13 (Nov 2013)
•
IEEE 802.15.4 MAC Support Addition for Atmega2564RFR2 Device
•
SAM D20: various bug fixes for EEPROM, DFLL, ADC, DAC, SERCOM
•
Note: SAM4C projects require a part support package for Atmel Studio 6.1
•
Note: Removed ASF versions ASF-3.3.0, ASF-3.4.0, ASF-3.5.0 and ASF-3.5.1 in order to improve performance
in Atmel Studio. DO NOT upgrade to this ASF release if you are using the removed versions and need the ASF
Wizard. If you do upgrade, you will have to upgrade your project to a newer ASF version in order for the ASF
Wizard to work.
Release ASF3.12 (Oct 2013)
•
SAM4C: added support for new device series and SAM4C Evaluation kit; added drivers support for aes, adc,
chipid, smc, efc, gpbr, icm, matrix, pdc, pio, pmc, pwm, rstc, rtc, rtt, slcdc, spi, supc, tc, trng, twi, uart, usart,wdt;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19