| データシートサーチシステム |
|
SAMC20 データシート(PDF) 3 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
SAMC20 データシート(HTML) 3 Page - ATMEL Corporation |
|
3 / 19 page ![]() ASF 3 • SAM D09 • SAM D10 • SAM D11 • SAM D20 • SAM D21 • SAM G51 • SAM G53 • SAM G54 • SAM G55 • SAM L21 • SAM L22 • SAM R21 • SAM DA • SAM C20 • SAM C21 • SAM V71 • SAM V70 • SAM S70 • SAM E70 • SAM B11 • SAM R30 • SAM HA1 Supported Tools • Atmel Studio 6.2/7.0 using GCC compiler - Visit www.atmel.com/atmelstudio -: • IAR EWAVR32 version 4.30 • IAR EWAVR version 6.60 • IAR EWARM version 7.50 Note: • Atmel Studio 6.0 version is not supported since ASF-3.6 extension. • XMEGA E support for Atmel Studio 6 requires the Atmel Studio 6 Part Pack for ATxmega32E5 installed and an updated AVR GCC toolchain (3.4.0.84 or higher). Visit www.atmel.com/atmelstudio. • SAM D21 B&L series and SAMD21G17AU/SAMD21G17AU/SAMD21E15BU/SAMD21E16BU devices support for Atmel Studio 6 requires the related Part Pack. • SAM C20/C21 devices support for Atmel Studio 6 requires the related Part Pack. • SAM L22 devices support for Atmel Studio 6 requires the related Part Pack. • SAM B11 devices support only for Atmel Studio 7 and requires the related Part Pack. • SAM R30 devices support only for Atmel Studio 7 and requires the related Part Pack. • SAM HA1 devices support only for Atmel Studio 7 and requires the related Part Pack. Note: DataFlash®, QT™, QTouch®, STK® are Atmel trademarks: www2.atmel.com/About/trademark_usage.aspx. Documentation • ASF getting started and reference manual: http://www.atmel.com/asf/. • ASF on-line documentation: http://asf.atmel.com/. • Atmel Studio 6 installer (includes ASF): www.atmel.com/atmelstudio • Atmel Studio 6 videos: http://www.atmel.com/microsite/atmel_studio6/videos.aspx |