データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CBT-QFN-7028 データシート(PDF) 2 Page - Ironwood Electronics.

部品番号 CBT-QFN-7028
部品情報  Low and stable contact resistance for reliable production yield
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRONWOOD [Ironwood Electronics.]
ホームページ  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-QFN-7028 データシート(HTML) 2 Page - Ironwood Electronics.

  CBT-QFN-7028 Datasheet HTML 1Page - Ironwood Electronics. CBT-QFN-7028 Datasheet HTML 2Page - Ironwood Electronics. CBT-QFN-7028 Datasheet HTML 3Page - Ironwood Electronics. CBT-QFN-7028 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2.50
3.005
8.00
8.00±0.05 (x4)
8.00±0.05 (x4)
0.50 Typ.
1.55 (x2)
thru all
19.00±0.125
Socket Outline
5.00 (x4)
4X
2.20±0.10 THRU ALL
P
4.55
3.00
1.00
6.010
5.00 (x4)
DETAIL P
SCALE 6 : 1
Pin placement info.
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance
±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Recommended PCB Layout
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. C
DATE: 10/30/2012
Material: Material <not specified>
Finish:
Weight: 11.88
CBT-QFN-7028 Drawing
SCALE: 5:1
SHEET: 2 OF 4
ENG: V. Panavala
FILE: CBT-QFN-7028
DRAWN BY: V. Panavala



Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com