| データシートサーチシステム |
|
JAN2N3821 データシート(PDF) 2 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
JAN2N3821 データシート(HTML) 2 Page - Microsemi Corporation |
|
2 / 2 page ![]() 2N3821, 2N3822, 2N3823 JAN SERIES Parameters / Test Conditions Symbol Min. Max. Units Small-Signal Common Source, Short-Circuit Forward Transfer Admittance VGS = 0, VDS = 15 Vdc, f = 1.0 kHz 2N3821 2N3822 2N3823 |yfs| 1 1500 3000 3500 4500 6500 6500 µS Small-Signal Common Source, Short-Circuit Output Admittance VGS = 0, VDS = 15 Vdc, f = 1.0 kHz 2N3821 2N3822 2N3823 |yos| 10 20 35 µS Small-Signal, Common-Source Short-Circuit Input Capacitance VGS = 0, VDS = 15 Vdc, 100 kHz ≤ f ≤ 1.0 MHz Ciss 6.0 pF Small-Signal, Common-Source Reverse Transfer Capacitance VDS = 15 Vdc, VGS = 0, 100 kHz ≤ f ≤ 1.0 MHz 2N3821, 2N3822 2N3823 Crss 3.0 2.0 pF Small-Signal Common Source, Short-Circuit Forward Transfer Admittance VGS = 0, VDS = 15 Vdc, f = 100 MHz 2N3821 f = 100 MHz 2N3822 f = 200 MHz 2N3823 |yfs| 2 1500 3000 3200 µS Small-Signal, Common-Source Short-Circuit Input Conductance VGS = 0, VDS = 15 Vdc, f = 200 MHz 2N3823 (only) gis 800 µS Small-Signal, Common-Source Short-Circuit Output Conductance VGS = 0, VDS = 15 Vdc, f = 200 MHz 2N3823 (only) gos 200 µS Common Source Spot Noise Figure VGS = 0, VDS = 15 Vdc, RG = 1M Ω f = 10 Hz 2N3821, 2N3822 f = 1.0 kHz 2N3821, 2N3822, 2N3823 NF 1 5.0 2.0 dB Common Source Spot Noise Figure VGS = 0, VDS = 15 Vdc, RG = 1k Ω f = 105 MHz 2N3823 (only) NF 2 2.5 dB 6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803 120101 Page 2 of 2 |