| データシートサーチシステム |
|
ALC202 データシート(PDF) 21 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ALC202 データシート(HTML) 21 Page - List of Unclassifed Manufacturers |
|
21 / 29 page ![]() Preliminary Avance Logic, Inc. ALC202 - 21 - Rev0.62 http://www.realtek.com.tw Figure 5.8-3 shows another simple way to implement jack detect function without using ALC202’s JD pin. It is especially easy for motherboard maker. No extra components needed, just layout issue. Once the HP-OUT jack is plugged in, output signals to LINE-OUT will be isolated, no signals output at LINE-OUT jack. The only drawback to this plan is software will not sense the HP-OUT jack is plugged in. It may be not convenient for software to pay attention to special application. Fig5.9-3 Implement Jack-Detect function without using ALC202’s pin HP-OUT-R HP-OUT-L HP-OUT 1 2 3 4 5 +100uf +100uf LINE-OUT 1 2 3 4 5 A simple way to implement jack-detect function without using ALC202's JD pin |