データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

80C186EB データシート(PDF) 56 Page - Intel Corporation

部品番号 80C186EB
部品情報  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

80C186EB データシート(HTML) 56 Page - Intel Corporation

Back Button 80C186EB Datasheet HTML 51Page - Intel Corporation 80C186EB Datasheet HTML 52Page - Intel Corporation 80C186EB Datasheet HTML 53Page - Intel Corporation 80C186EB Datasheet HTML 54Page - Intel Corporation 80C186EB Datasheet HTML 55Page - Intel Corporation 80C186EB Datasheet HTML 56Page - Intel Corporation 80C186EB Datasheet HTML 57Page - Intel Corporation 80C186EB Datasheet HTML 58Page - Intel Corporation 80C186EB Datasheet HTML 59Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 56 / 59 page
background image
80C186EB80C188EB 80L186EB80L188EB
INSTRUCTION SET SUMMARY (Continued)
80C186EB
80C188EB
Function
Format
Clock
Clock
Comments
Cycles
Cycles
LOGIC
(Continued)
XOR e Exclusive or
Regmemory and register to either
001100dw
modreg r m
310
310
Immediate to registermemory
1000000w
mod110 r m
data
data if we1
416
416
Immediate to accumulator
0011010w
data
data if we1
34
34
816-bit
NOT e
Invert registermemory
1111011w
mod010 r m
310
310
STRING MANIPULATION
MOVS e
Move byteword
1010010w
14
14
CMPS e
Compare byteword
1010011w
22
22
SCAS e
Scan byteword
1010111w
15
15
LODS e
Load bytewd to ALAX
1010110w
12
12
STOS e
Store bytewd from ALAX
1010101w
10
10
INS e
Input bytewd from DX port
0110110w
14
14
OUTS e
Output bytewd to DX port
0110111w
14
14
Repeated by count in CX (REPREPEREPZREPNEREPNZ)
MOVS e
Move string
11110010
1010010w
8a8n
8a8n
CMPS e
Compare string
1111001z
1010011w
5a22n
5a22n
SCAS e
Scan string
1111001z
1010111w
5a15n
5a15n
LODS e
Load string
11110010
1010110w
6a11n
6a11n
STOS e
Store string
11110010
1010101w
6a9n
6a9n
INS e
Input string
11110010
0110110w
8a8n
8a8n
OUTS e
Output string
11110010
0110111w
8a8n
8a8n
CONTROL TRANSFER
CALL e Call
Direct within segment
11101000
disp-low
disp-high
15
19
Registermemory
11111111
mod010 r m
1319
1727
indirect within segment
Direct intersegment
10011010
segment offset
23
31
segment selector
Indirect intersegment
11111111
mod011 r m
(mod i 11)
38
54
JMP e Unconditional jump
Shortlong
11101011
disp-low
14
14
Direct within segment
11101001
disp-low
disp-high
14
14
Registermemory
11111111
mod100 r m
1117
1121
indirect within segment
Direct intersegment
11101010
segment offset
14
14
segment selector
Indirect intersegment
11111111
mod101 r m
(mod i 11)
26
34
Shaded areas indicate instructions not available in 80868088 microsystems
NOTE
Clock cycles shown for byte transfers For word operations add 4 clock cycles for all memory transfers
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59