データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HMC245AQS16 データシート(PDF) 3 Page - Analog Devices

部品番号 HMC245AQS16
部品情報  Wireless Local Loop
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

HMC245AQS16 データシート(HTML) 3 Page - Analog Devices

  HMC245AQS16 Datasheet HTML 1Page - Analog Devices HMC245AQS16 Datasheet HTML 2Page - Analog Devices HMC245AQS16 Datasheet HTML 3Page - Analog Devices HMC245AQS16 Datasheet HTML 4Page - Analog Devices HMC245AQS16 Datasheet HTML 5Page - Analog Devices HMC245AQS16 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
HMC245AQS16 / 245AQS16E
v00.1213
GaAs MMIC SP3T Non-REFLECTIVE
SWITCH, DC - 3.5 GHz
Truth Table
TTL/CMOS Control Voltages
Control Input
Signal Path State
A
B
RF COM to:
Low
Low
RF1
High
Low
RF2
Low
High
RF3
High
High
All Off
Bias Voltage & Current
Vdd Range= +5 Vdc ±10%
Vdd (Vdc)
Idd (Typ) (mA)
Idd (Max) (mA)
+5
2.2
6.0
State
Bias Condition
Low
0 to +0.8 Vdc @ 0.2 µA Typ.
High
+2.0 to +5 Vdc @ 35 µA Typ.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com