| データシートサーチシステム |
|
AP1623SLA データシート(PDF) 4 Page - Anachip Corp |
|
|
|||||||||||||||||||||||||||||
AP1623SLA データシート(HTML) 4 Page - Anachip Corp |
|
4 / 6 page ![]() AP1623 PWM Control Step-Down Switching Regulator-Controllers Anachip Corp. www.anachip.com.tw Rev. 0.1 Feb 10, 2004 4/6 Typical Application Circuit ( 1) Normal Application Oscillation Circuit Reference Voltage Source with Soft Start PWM-Switched Control Circuit + - AP1623 + - V SS ON/OFF C C R A R B D1 OUT V OUT R 1 R 2 PVCC SW VCC RVCC CVCC ( 2) Application with Short Circuit Protection AP1623 + - V SS ON/OFF C C R A R B D1 VOUT : 1.8V V OUT PVCC SW VCC DVCC 1N4148 for above 5V Vin and Schottky for below 5V Vin CVCC 0.1uF CPVCC 100uF CON/OFF 0.33uF RON/OFF 1M RBias 4.7M RSENCE 47K COUTPUT 100uF VIN : 3.3V~16V Test Circuit A VOUT VCC VSS ON/OFF open open VOUT VCC VSS ON/OFF + - SW SW PVCC PVCC A VOUT VCC VSS ON/OFF + - + - V SW PVCC |