| データシートサーチシステム |
|
ADL5724ACPZN-R7 データシート(PDF) 10 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADL5724ACPZN-R7 データシート(HTML) 10 Page - Analog Devices |
|
10 / 13 page ![]() Data Sheet ADL5724 Rev. 0 | Page 9 of 12 APPLICATIONS INFORMATION LAYOUT Solder the exposed pad on the underside of the ADL5724 to a low thermal and electrical impedance ground plane. This pad is typically soldered to an exposed opening in the solder mask on the evaluation board. Connect the ground vias to all other ground layers on the evaluation board to maximize heat dissipation from the device package. Figure 13. Evaluation Board Layout for the ADL5724 Package DIFFERENTIAL vs. SINGLE-ENDED OUTPUT This section provides the test results that compare the ADL5724 using a differential vs. a single-ended output. When using the device as a single-ended output, use the RFOP output on the evaluation board and terminate RFON to 50 Ω. Note that the converse can be done as well; however, doing so produces slightly different results from the plots shown in this section because there is some amplitude imbalance between the two differential ports, RFOP and RFON. The output trace and connector loss were not deembedded for these measurements. 0 5 10 15 20 25 35 30 12.7 13.0 13.3 13.6 13.9 14.2 14.5 14.8 15.1 15.4 FREQUENCY (GHz) Figure 14. Gain vs. Frequency 0 1 2 3 4 5 6 7 8 9 10 12.7 13.0 13.3 13.6 13.9 14.2 14.5 14.8 15.1 15.4 FREQUENCY (GHz) Figure 15. Noise Figure vs. Frequency –30 –10 –5 –20 –15 –25 0 5 10 15 20 12.7 13.0 13.3 13.6 13.9 14.2 14.5 14.8 15.1 15.4 FREQUENCY (GHz) Figure 16. Input IP3 vs. Frequency –40 –35 –30 –25 –20 –15 –10 –5 0 12.7 13.0 13.3 13.6 13.9 14.2 14.5 14.8 15.1 15.4 FREQUENCY (GHz) Figure 17. Input P1dB vs. Frequency |