| データシートサーチシステム |
|
AD8224ACPZ-R7 データシート(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8224ACPZ-R7 データシート(HTML) 12 Page - Analog Devices |
|
12 / 29 page ![]() Data Sheet AD8224 Rev. D | Page 11 of 28 –IN1 RG1 RG1 +IN1 –IN2 RG2 RG2 +IN2 NOTES 1. THE EXPOSED THERMAL PAD IS CONNECTED INTERNALLY TO +VS. THE PAD CAN EITHER BE LEFT UNCONNECTED OR CONNECTED TO THE POSITIVE SUPPLY RAIL. 12 11 10 1 3 4 9 2 AD8224 TOP VIEW (Not to Scale) Figure 4. 16-Lead LFCSP Pin Configuration with Exposed Pad Table 12. Pin Function Descriptions Pin Number Mnemonic Description 1 −IN1 Negative Input In-Amp 1. 2 R G1 Gain Resistor In-Amp 1. 3 R G1 Gain Resistor In-Amp 1. 4 +IN1 Positive Input In-Amp 1. 5 +V S Positive Supply. 6 REF1 Reference Adjust In-Amp 1. 7 REF2 Reference Adjust In-Amp 2. 8 −V S Negative Supply. 9 +IN2 Positive Input In-Amp 2. 10 R G2 Gain Resistor In-Amp 2. 11 R G2 Gain Resistor In-Amp 2. 12 −IN2 Negative Input In-Amp 2. 13 −V S Negative Supply. 14 OUT2 Output In-Amp 2. 15 OUT1 Output In-Amp 1. 16 +V S Positive Supply. EPAD Exposed Pad. The exposed thermal pad is connected internally to +V S. The pad can either be left unconnected or connected to the positive supply rail. |