| データシートサーチシステム |
|
ICS952607 データシート(PDF) 13 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS952607 データシート(HTML) 13 Page - Integrated Circuit Systems |
|
13 / 21 page ![]() 13 Integrated Circuit Systems, Inc. ICS952607 Advance Information 0734—07/16/04 I 2C Table: Output Divider Control Register Control Function Bit 7 Reserved Reserved RW X Bit 6 Reserved Reserved RW X Bit 5 Reserved Reserved RW X Bit 4 Reserved Reserved RW X Bit 3 3V66Div3 RW 0000:/2 0100:/4 1000:/8 1100:/16 X Bit 2 3V66Div2 RW 0001:/3 0101:/6 1001:/12 1101:/24 X Bit 1 3V66Div1 RW 0010:/5 0110:/10 1010:/20 1110:/40 X Bit 0 3V66Div0 RW 0011:/7 0111:/14 1011:/28 1111:/56 X I 2C Table: Output Divider Control Register Control Function Bit 7 Reserved Reserved RW X Bit 6 3V66INV 3V66 Phase Invert RW X Bit 5 SRCINV SRC Phase Invert RW X Bit 4 CPUINV CPU Phase Invert RW X Bit 3 Reserved Reserved RW 0 Bit 2 Reserved Reserved RW 0 Bit 1 Reserved Reserved RW 0 Bit 0 Reserved Reserved RW 0 I 2C Table: Group Skew Control Register Control Function Bit 7 Reserved Reserved RW 0 Bit 6 Reserved Reserved RW 0 Bit 5 Reserved Reserved RW 0 Bit 4 Reserved Reserved RW 0 Bit 3 Reserved Reserved RW 0 Bit 2 Reserved Reserved RW 0 Bit 1 Reserved Reserved RW 0 Bit 0 Reserved Reserved RW 0 I 2C Table: Group Skew Control Register Control Function Bit 7 3V66Skw3 RW 0000:0 0100:150 1000:300 1100:450 0 Bit 6 3V66Skw2 RW 0001:N/A 0101:N/A 1001:N/A 1101:600 0 Bit 5 3V66Skw1 RW 0010:N/A 0110:N/A 1010:N/A 1110:750 0 Bit 4 3V66Skw0 RW 0011:N/A 0111:N/A 1011:N/A 1111:900 0 Bit 3 PCISkw3 RW 0000:0 0100:150 1000:300 1100:450 1 Bit 2 PCISkw2 RW 0001:N/A 0101:N/A 1001:N/A 1101:600 1 Bit 1 PCISkw1 RW 0010:N/A 0110:N/A 1010:N/A 1110:750 0 Bit 0 PCISkw0 RW 0011:N/A 0111:N/A 1011:N/A 1111:900 0 -- -- -- -- -- -- -- Default Default Inverse Inverse -- -- -- -- Default Inverse -- -- 1 -- 01 01 CPU-PCI 7 Step Skew Control (ps) - - Pin # Pin # - - - - - - - - - PWD - CPU-3V66 7 Step Skew Control (ps) - - - Byte 19 Name Type - - - - PWD - Name Type 0 1 -- Byte 18 - - - PWD - Byte 17 Pin # Name Type 0 - 3V66 Divider Ratio Programmaing Bits - - - PWD - Name Type -- -- - - - Byte 16 Pin # |