| データシートサーチシステム |
|
ADA4610-2ACPZ-R7 データシート(PDF) 1 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4610-2ACPZ-R7 データシート(HTML) 1 Page - Analog Devices |
|
1 / 25 page ![]() Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps Data Sheet ADA4610-1/ADA4610-2/ADA4610-4 Rev. G Document Feedback Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 ©2011–2016 Analog Devices, Inc. All rights reserved. Technical Support www.analog.com FEATURES Low offset voltage B grade: 0.4 mV maximum (ADA4610-1/ADA4610-2 only) A grade: 1 mV maximum Low offset voltage drift B grade: 4 µV/°C maximum (ADA4610-1/ADA4610-2 only) A grade: 8 µV/°C maximum (SOIC, MSOP, LFCSP packages) Low input bias current: 5 pA typical Dual-supply operation: ±5 V to ±15 V Low voltage noise: 0.45 µV p-p at 0.1 Hz to 10 Hz Voltage noise density: 7.30 nV/√Hz at f = 1 kHz Low total harmonic distortion (THD) + noise: 0.00025% No phase reversal Rail-to-rail output Unity-gain stable APPLICATIONS Instrumentation Medical instruments Multipole filters Precision current measurement Photodiode amplifiers Sensors Audio PIN CONFIGURATION OUT A 1 –IN A 2 +IN A 3 V– 4 V+ 8 OUT B 7 –IN B 6 +IN B 5 ADA4610-2 TOP VIEW (Not to Scale) Figure 1. ADA4610-2 8-Lead SOIC (R Suffix); for Additional Packages and Models, See the Pin Configurations and Function Descriptions Section GENERAL DESCRIPTION The ADA4610-1/ADA4610-2/ADA4610-4 are precision JFET amplifiers that feature low input noise voltage, current noise, offset voltage, input bias current, and rail-to-rail output. The ADA4610-1 is a single amplifier, the ADA4610-2 is a dual amplifier, and the ADA4610-4 is a quad amplifier. The combination of low offset, noise, and very low input bias current makes these amplifiers especially suitable for high impedance sensor amplification and precise current measurements using shunts. With excellent dc precision, low noise, and fast settling time, the ADA4610-1/ADA4610-2/ADA4610-4 provide superior accuracy in medical instruments, electronic measurement, and automated test equipment. Unlike many competitive amplifiers, the ADA4610-1/ADA4610-2/ADA4610-4 maintain fast settling performance with substantial capacitive loads. Unlike many older JFET amplifiers, the ADA4610-1/ADA4610-2/ ADA4610-4 do not suffer from output phase reversal when input voltages exceed the maximum common-mode voltage range. The fast slew rate and great stability with capacitive loads make the ADA4610-1/ADA4610-2/ADA4610-4 perfect fits for high performance filters. Low input bias currents, low offset, and low noise result in a wide dynamic range for photodiode amplifier circuits. Low noise and distortion, high output current, and excellent speed make the ADA4610-1/ADA4610-2/ADA4610-4 great choices for audio applications. The ADA4610-1/ADA4610-2/ADA4610-4 are specified over the −40°C to +125°C extended industrial temperature range. The ADA4610-1 is available in an 8-lead SOIC package and in a 5-lead SOT-23 package. The ADA4610-2 is available in 8-lead SOIC, 8-lead MSOP, and 8-lead LFCSP packages. The ADA4610-4 is available in a 14-lead SOIC package and in a 16-lead LFCSP. Table 1. Related Precision JFET Operational Amplifiers Single Dual Quad AD8510 AD8512 AD8513 AD8610 AD8620 Not applicable AD820 AD822 AD824 ADA4627-1/ADA4637-1 Not applicable Not applicable Not applicable ADA4001-2 Not applicable |
同様の部品番号 - ADA4610-2ACPZ-R7 |
|
同様の説明 - ADA4610-2ACPZ-R7 |