| データシートサーチシステム |
|
ADA4891-3WARUZ-R7 データシート(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4891-3WARUZ-R7 データシート(HTML) 12 Page - Analog Devices |
|
12 / 24 page ![]() ADA4891-1/ADA4891-2/ADA4891-3/ADA4891-4 Data Sheet Rev. F | Page 12 of 24 0.01 0.1 1 10 100 0.01 0.1 1 10 100 FREQUENCY (MHz) VS = 5V G = +1 Figure 31. Closed-Loop Output Impedance vs. Frequency, Device Enabled 100 0 –100 G = +1 VOUT = 200mV p-p RL = 1kΩ VS = 3V VS = 5V 50mV/DIV 10ns/DIV Figure 32. Small-Signal Step Response, G = +1 1 0 –1 VS = 5V G = +1 VOUT = 2V p-p RL = 150Ω RL = 1kΩ 0.5V/DIV 10ns/DIV Figure 33. Large-Signal Step Response, VS = 5 V, G = +1 100k 10k 1k 100 10 1 0.01 0.1 1 10 100 FREQUENCY (MHz) VS = 5V G = +1 Figure 34. Closed-Loop Output Impedance vs. Frequency, Device Disabled (ADA4891-3 Only) 1.5 1.0 0.5 0 –0.5 –1.0 –1.5 10 20 30 40 50 60 70 80 90 TIME (ns) VS = 5V RL = 1kΩ VS = 5V RL = 150Ω VS = 3V RL = 150Ω VS = 3V RL = 1kΩ G = +2 VOUT = 2V p-p Figure 35. Large-Signal Step Response, G = +2 0.5 0 –0.5 RL = 150Ω RL = 1kΩ VS = 3V G = +1 VOUT = 1V p-p 0.5V/DIV 10ns/DIV Figure 36. Large-Signal Step Response, VS = 3 V, G = +1 |