データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LPC2290 データシート(PDF) 17 Page - NXP Semiconductors

部品番号 LPC2290
部品情報  16/32-bit ARM microcontrollers with CAN, 10-bit ADC and external memory interface
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2290 データシート(HTML) 17 Page - NXP Semiconductors

Back Button LPC2290 Datasheet HTML 13Page - NXP Semiconductors LPC2290 Datasheet HTML 14Page - NXP Semiconductors LPC2290 Datasheet HTML 15Page - NXP Semiconductors LPC2290 Datasheet HTML 16Page - NXP Semiconductors LPC2290 Datasheet HTML 17Page - NXP Semiconductors LPC2290 Datasheet HTML 18Page - NXP Semiconductors LPC2290 Datasheet HTML 19Page - NXP Semiconductors LPC2290 Datasheet HTML 20Page - NXP Semiconductors LPC2290 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
Philips Semiconductors
LPC2290
16/32-bit ARM microcontrollers with external memory interface
Preliminary data
Rev. 01 — 09 February 2004
17 of 41
9397 750 12874
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
7:6
P0.19
0
0
GPIO Port 0.19
0
0
1
Match 1.2 (Timer1)
1
0
MOSI (SPI1)
1
1
Match 1.3 (Timer1)
9:8
P0.20
0
0
GPIO Port 0.20
0
0
1
Match 1.3 (Timer1)
1
0
SSEL (SPI1)
1
1
EINT3
11:10
P0.21
0
0
GPIO Port 0.21
0
0
1
PWM5
1
0
Reserved
1
1
Capture 1.3 (Timer1)
13:12
P0.22
0
0
GPIO Port 0.22
0
0
1
Reserved
1
0
Capture 0.0 (Timer0)
1
1
Match 0.0 (Timer0)
15:14
P0.23
0
0
GPIO Port 0.23
0
0
1
RD2 (CAN Controller 2)
1
0
Reserved
1
1
Reserved
17:16
P0.24
0
0
GPIO Port 0.24
0
0
1
TD2 (CAN Controller 2)
1
0
Reserved
1
1
Reserved
19:18
P0.25
0
0
GPIO Port 0.25
0
0
1
RD1 (CAN Controller 1)
1
0
Reserved
1
1
Reserved
21:20
P0.26
0
0
Reserved
0
0
1
Reserved
1
0
Reserved
1
1
Reserved
23:22
P0.27
0
0
GPIO Port 0.27
1
0
1
AIN0 (A/D converter)
1
0
Capture 0.1 (Timer0)
1
1
Match 0.1 (Timer0)
25:24
P0.28
0
0
GPIO Port 0.28
1
0
1
AIN1 (A/D converter)
1
0
Capture 0.2 (Timer0)
1
1
Match 0.2 (Timer0)
Table 7:
Pin function select register 1 (PINSEL1 - 0xE002C004)…continued
PINSEL1
Pin Name
Value
Function
Value after
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41