データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADRF5040BCPZ-R7 データシート(PDF) 3 Page - Analog Devices

部品番号 ADRF5040BCPZ-R7
部品情報  High power handling
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADRF5040BCPZ-R7 データシート(HTML) 3 Page - Analog Devices

  ADRF5040BCPZ-R7 Datasheet HTML 1Page - Analog Devices ADRF5040BCPZ-R7 Datasheet HTML 2Page - Analog Devices ADRF5040BCPZ-R7 Datasheet HTML 3Page - Analog Devices ADRF5040BCPZ-R7 Datasheet HTML 4Page - Analog Devices ADRF5040BCPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF5040BCPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF5040BCPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF5040BCPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF5040BCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Data Sheet
ADRF5040
Rev. A | Page 3 of 14
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
VDD = 3.3 V, VSS = −3.3 V, V1 and V2 = 0 V or VDD, TA = 25°C, 50 Ω system, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
INSERTION LOSS
9 kHz to 4.0 GHz
0.7
dB
9 kHz to 8.0 GHz
0.8
dB
9 kHz to 10.0 GHz
1.1
dB
9 kHz to 12.0 GHz
2
dB
ISOLATION, RFC TO RF1 TO RF4 (WORST CASE)
9 kHz to 4.0 GHz
44
dB
9 kHz to 8.0 GHz
34
dB
9 kHz to 10.0 GHz
29.2
dB
9 kHz to 12.0 GHz
20
dB
RETURN LOSS
On State
9 kHz to 4.0 GHz
21
dB
9 kHz to 8.0 GHz
19
dB
9 kHz to 10.0 GHz
13.5
dB
9 kHz to 12.0 GHz
8
dB
Off State
9 kHz to 4.0 GHz
25
dB
9 kHz to 8.0 GHz
18.6
dB
9 kHz to 10.0 GHz
15.5
dB
9 kHz to 12.0 GHz
14.5
dB
RADIO FREQUENCY (RF) SETTLING TIME
50% V1/V2 to 0.05 dB margin of final RFOUT
9
µs
50% V1/V2 to 0.1 dB margin of final RFOUT
7
µs
SWITCHING SPEED
tRISE/tFALL
10% to 90% RFOUT
1.3
µs
tON/tOFF
50% V1/V2 to 90%/10% RF
3.5
µs
INPUT POWER
9 kHz to 12.0 GHz
1 dB Compression (P1dB)
37
dBm
0.1 dB Compression (P0.1dB)
34
dBm
INPUT THIRD-ORDER INTERCEPT (IIP3)
Two-tone input power = 14 dBm at each tone
1 MHz to 2.0 GHz
62
dBm
1 MHz to 8.0 GHz
58
dBm
1 MHz to 12.0 GHz
53
dBm
RECOMMENDED OPERATING CONDITIONS
Positive Supply Voltage (VDD)
3.0
3.6
V
Negative Supply Voltage (VSS)
−3.6
−3.0
V
Control Voltage (V1, V2) Range
0
VDD
V
RF Input Power
VDD = 3.3 V, VSS = −3.3 V, TA = 85°C, frequency = 2 GHz
Through Path
33
dBm
Termination Path
27
dBm
Hot Switch Power Level
VDD = 3.3 V, TA = 85°C, frequency = 2 GHz
27
dBm
Case Temperature Range (TCASE)
−40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14