| データシートサーチシステム |
|
ADuCM331WDCPZ データシート(PDF) 1 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADuCM331WDCPZ データシート(HTML) 1 Page - Analog Devices |
|
1 / 16 page ![]() Integrated, Precision Battery Sensor for Automotive Systems Data Sheet ADuCM330/ADuCM331 Rev. C Document Feedback Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 ©2015 Analog Devices, Inc. All rights reserved. Technical Support www.analog.com FEATURES High precision analog-to-digital converters (ADCs) Dual channel, simultaneous sampling I-ADC 20-bit Σ-Δ (minimizes range switching) VADC/TADC 20-bit Σ-Δ Programmable ADC conversion rate from 1 Hz to 8 kHz On-chip ±5 ppm/°C voltage reference Current channel Fully differential, buffered input Programmable gain (from 4 to 512) ADC absolute input range: −200 mV to +300 mV Digital comparator with current accumulator feature Voltage channel Buffered, on-chip attenuator for 12 V battery input Temperature channel External and on-chip temperature sensor options Microcontroller ARM Cortex-M3 32-bit processor 16.384 MHz precision oscillator with 1% accuracy Serial wire download (SWD) port supporting code download and debug Automotive qualified integrated local interconnect network (LIN) transceiver LIN 2.2-compatible slave, 100 kb fast download option SAE J-2602-compatible slave Low electromagnetic emissions (EME) High electromagnetic immunity (EMI) Memory 96 kB (ADuCM330)/128 kB (ADuCM331) Flash/EE memory, ECC 6 kB SRAM, ECC 4 kB data Flash/EE memory, ECC 10,000 cycle Flash/EE endurance 20 year Flash/EE retention In circuit download via SWD and LIN On-chip peripherals Serial port interface (SPI) General-purpose input/output (GPIO) port General-purpose timer Wake-up timer Watchdog timer On-chip, power-on reset Power Operates directly from 12 V battery supply Power consumption, 8 mA typical (16 MHz) Low power monitor mode Package and temperature range 32-lead, 6 mm × 6 mm LFCSP Fully specified for −40°C to +115°C operation; additional specifications for 115°C to 125°C Qualified for automotive applications APPLICATIONS Battery sensing/management for automotive and light mobility vehicles Lead acid battery measurement for power supplies in industrial and medical domains FUNCTIONAL BLOCK DIAGRAM 20-BIT ADC PGA BUF IIN+ IIN– RESULT ACCUMULATOR DIGITAL COMPARATOR 20-BIT ADC MUX BUF SWDIO SWCLK VBAT VTEMP GND_SW PRECISION ANALOG ACQUISITION CORTEX-M3 PROCESSOR 16MHz PREC OSC 1% LPM 1 × GP TIMER WD TIMER W/U TIMER GPIO PORT SPI PORT LIN LIN LDO POR MEMORY 96kB (ADuCM330)/ 128kB (ADuCM331) FLASH, 6kB SRAM, 4kB DATA RESET TEMPERATURE SENSOR PRECISION REFERENCE ADuCM330/ADuCM331 Figure 1. |
同様の部品番号 - ADuCM331WDCPZ |
|
同様の説明 - ADuCM331WDCPZ |