データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ESX10 データシート(PDF) 7 Page - ETAL Group

部品番号 ESX10
部品情報  Selective load protection, electronic trip characteristics
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETAL [ETAL Group]
ホームページ  http://www.etalgroup.com
Logo ETAL - ETAL Group

ESX10 データシート(HTML) 7 Page - ETAL Group

  ESX10 Datasheet HTML 1Page - ETAL Group ESX10 Datasheet HTML 2Page - ETAL Group ESX10 Datasheet HTML 3Page - ETAL Group ESX10 Datasheet HTML 4Page - ETAL Group ESX10 Datasheet HTML 5Page - ETAL Group ESX10 Datasheet HTML 6Page - ETAL Group ESX10 Datasheet HTML 7Page - ETAL Group ESX10 Datasheet HTML 8Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.e-t-a.de
Electronic Circuit Protector ESX10
1642
7
4
Electronic Circuit Protector ESX10
All dimensions without tolerances are for reference only. In the interest of improved design,
performance and cost effectiveness the right to make changes in these specifications without
notice is reserved. Product markings may not be exactly as the ordering codes. Errors and
omissions excepted.
ESX10 Signal inputs / outputs (wiring diagram)
ESX10-124-...
with reset input RE (+DC 24 V↓)
with status output SF (+24V = load output ON)
ESX10-103
without signal input
with signal output F (group signal, change-over)
operating condition: SC/SO closed, SC-SI open
fault condition:
SC/SO open, SC-SI closed
ESX10-104
without signal input
with status output SF (+24 V = load output ON)
ESX10-115-...
with control input IN+ (+DC 24 V)
with signal output F (group signal, N/O)
operating condition: SC-SO closed
fault condition:
SC-SO open
ESX10-125-...
with reset input RE ( +DC 24 V↓)
with signal output F (group signal, N/O)
operating condition: SC-SO closed
fault condition:
SC-SO open
ESX10 signal inputs / outputs (wiring diagrams)
Signal contacts are shown in the OFF or fault condition.
ESX10-100
without signal input/output
operating condition: SF +24 V = OK
fault condition:
SF 0V
operating condition: SF +24V = OK
fault condition:
SF 0V
Table 2: ESX10 - product version
version
signal input
signal output
signal output F
status output SF
ESX10 -...
control input ON/OFF
+24 V Control IN+
reset input +24 V
RE
group signal
N/O
group signal
change-over
status OUT
+24 V = OK
-100
-103
x
-104
x
-115
x
x
-124
x
x
-125
x
x
This is a metric design and millimeter dimensions take precedence ( mm )
inch



Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com