| データシートサーチシステム |
|
8345-B11A-R3 データシート(PDF) 3 Page - ETAL Group |
|
|
|||||||||||||||||||||||||||||
8345-B11A-R3 データシート(HTML) 3 Page - ETAL Group |
|
3 / 10 page ![]() Magnetic and Hydraulic-Magnetic Circuit Breaker 8345-... www.e-t-a.de 1651 3 1 Magnetic and Hydraulic-Magnetic Circuit Breaker 8345-... Type number X8345 Module S auxiliary contact module Auxiliary contacts 01 in all poles 02 in pole 1 only Auxiliary contact version K auxiliary contacts (symmetrical terminals) Auxiliary contact function W1 1 changeover Terminal design 02 microswitch with blade terminals DIN 46244-A2.8-0.5 M mounted to base unit X8345 - S 01 K W1 02 M ordering example Ordering information for auxiliary contact module Ordering information for UL 489 Type No. 8345 Mounting B flange mounting, with rectangular aperture with mounting nut 6-32UNC C flange mounting, with rectangular aperture with mounting nut M3 F flange mounting, with round aperture with mounting nut M3 Configuration 0 without barrier for DC 1 with small barrier for DC (optional) 2 with large barrier for AC Number of poles 1 single pole protected 2 two pole protected Actuator configuration A all poles with standard toggle B reduced number of standard toggles Z without actuator Terminal design P blade terminals ≤ 35 A R round connectors 6 mm U stud terminals M6 ≤ 125 A V stud terminals 1/4-20UNC-3A ≤ 125 A W laminated round terminals ≤ 125 A Terminal hardware 0 without 3 with washer and nut Characteristic curve *) Characteristic curve, instantaneous: F1 DC F2 AC 60/50 Hz Short delay: K1 DC K2 AC Medium delay: M1 DC M2 AC 60/50 Hz Long delay: T1 DC T2 AC 60/50 Hz Version D standard Colour configuration B1 black actuator Marking front plate actuator base B1 without ON-OFF B2 I N ON-OFF Rated voltage B AC or ≤ 80 V DC Current ratings 0.05...125 A for DC 0.05...20 A for AC higher current ratings upon request Approvals (optional) V UL 489 8345 - C 0 1 A - U 3 M1 - D B1 B1 B - 60 A - . ordering example Remote trip coil available to special order. *) Other characteristic curves upon request (e.g. pulse delayed, for high inrush currents or capacitive loads) |