データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADA4898-2YRDZ-R7 データシート(PDF) 14 Page - Analog Devices

部品番号 ADA4898-2YRDZ-R7
部品情報  High Voltage, Low Noise, Low Distortion, Unity-Gain Stable, High Speed Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADA4898-2YRDZ-R7 データシート(HTML) 14 Page - Analog Devices

Back Button ADA4898-2YRDZ-R7 Datasheet HTML 10Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 11Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 12Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 13Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 14Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 15Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 16Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 17Page - Analog Devices ADA4898-2YRDZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADA4898-1/ADA4898-2
Data Sheet
THEORY OF OPERATION
The ADA4898-1/ADA4898-2 are voltage feedback op amps that
combine unity gain stability with 0.9 nV/√Hz input noise. They
employ a highly linear input stage that can maintain greater
than −90 dBc (at 2 V p-p) distortion out to 600 kHz while in a
unity-gain configuration. This rare combination of unity gain
stability, low input-referred noise, and extremely low distortion
is the result of Analog Devices, Inc., proprietary op amp
architecture and high voltage bipolar processing technology.
The simplified ADA4898-1/ADA4898-2 topology, shown in
Figure 44, is a single gain stage with a unity-gain output buffer. It
has over 100 dB of open-loop gain and maintains precision
specifications, such as CMRR, PSRR, and offset, to levels that are
normally associated with topologies having two or more gain
stages.
BUFFER
gm
CC
R1
RL
VOUT
Figure 44. Topology
PD (POWER-DOWN) PIN FOR THE ADA4898-1
The PD pin saves power by decreasing the quiescent power
dissipated in the device. It is very useful when power is an issue
and the device does not need to be turned on at all times. The
response of the device is rapid when going from power-down
mode to full power operation mode. Note that PD does not put
the output in a high-Z state, which means that the ADA4898-1/
ADA4898-2 are not recommended for use as multiplexers.
Leaving the PD pin floating keeps the amplifier in full power
operation mode.
Table 7. Power-Down Voltage Control
PD Pin
±15 V
±10 V
±5 V
Power-Down Mode
≤−14 V
≤−9 V
≤−4 V
Rev. E | Page 14 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com