データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CY27020 データシート(PDF) 4 Page - Cypress Semiconductor

部品番号 CY27020
部品情報  Supports clock requirements for printers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY27020 データシート(HTML) 4 Page - Cypress Semiconductor

  CY27020 Datasheet HTML 1Page - Cypress Semiconductor CY27020 Datasheet HTML 2Page - Cypress Semiconductor CY27020 Datasheet HTML 3Page - Cypress Semiconductor CY27020 Datasheet HTML 4Page - Cypress Semiconductor CY27020 Datasheet HTML 5Page - Cypress Semiconductor CY27020 Datasheet HTML 6Page - Cypress Semiconductor CY27020 Datasheet HTML 7Page - Cypress Semiconductor CY27020 Datasheet HTML 8Page - Cypress Semiconductor CY27020 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CY27020
Document Number: 38-07273 Rev. *H
Page 4 of 9
AC Electrical Specifications
(VDD = 3.3 V ± 10%, TA = 0 °C to 70 °C)
Parameter
Description
Conditions
Min
Typ
Max
Unit
IFR
Input frequency range
44
48
52
MHz
tr
Rise time [4, 5]
–12
ns
tf
Fall time [4, 5]
–12
ns
SS%
Spread spectrum percentage
SSON# = 0, SSSEL = 0
–1
%
SSON# = 0, SSSEL = 1
–3
%
tPU
Power-up to stable output[6]
All output clocks
3
ms
tDC
Clock duty cycle [4, 6]
CL = 15 pF
45
50
55
%
tCCJ
REFOUT cycle-to-cycle jitter [4, 6] CL = 15 pF
350
ps
CLKOUT cycle-to-cycle jitter [4, 6]
100
250
ps
Application Schematic Example
Figure 3. Application Schematic Example [7, 8]
X IN
XO U T
C L 2
C L 1
0 .1 u F
33
33
V D D
RE F O UT
CL K O UT
C Y 27020
1
7
5
4
SSSEL
S S O N #
8
6
VSS
3
2
VSS
VSS
48 M H z
VD D
Notes
4. Parameters are guaranteed by design and characterization. Not 100% tested in production. All parameters specified with fully loaded outputs. All outputs loaded with
15 pF.
5. Measured between 0.1 x VDD and 0.9 x VDD volts.
6. Triggering is done at 1.5 V.
7. The circuit shows -1.0% spread. Refer to Frequency Table on page 1 for details.
8. Use the crystal manufacturer’s recommended values for CL1 and CL2 load capacitors.



Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com