| データシートサーチシステム |
|
P16F877 データシート(PDF) 67 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
P16F877 データシート(HTML) 67 Page - Microchip Technology |
|
67 / 218 page ![]() 2001 Microchip Technology Inc. DS30292C-page 65 PIC16F87X 9.0 MASTER SYNCHRONOUS SERIAL PORT (MSSP) MODULE The Master Synchronous Serial Port (MSSP) module is a serial interface, useful for communicating with other peripheral or microcontroller devices. These peripheral devices may be serial EEPROMs, shift registers, dis- play drivers, A/D converters, etc. The MSSP module can operate in one of two modes: • Serial Peripheral Interface (SPI) • Inter-Integrated Circuit (I2C) Figure 9-1 shows a block diagram for the SPI mode, while Figure 9-5 and Figure 9-9 show the block dia- grams for the two different I2C modes of operation. The Application Note AN734, “Using the PICmicro® SSP for Slave I2CTM Communication” describes the slave operation of the MSSP module on the PIC16F87X devices. AN735, “Using the PICmicro® MSSP Module for I2CTM Communications” describes the master operation of the MSSP module on the PIC16F87X devices. |