| データシートサーチシステム |
|
MB91F577BSPMC データシート(PDF) 22 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F577BSPMC データシート(HTML) 22 Page - Cypress Semiconductor |
|
22 / 163 page ![]() Document Number: 002-04725 Rev.*A Page 22 of 163 MB91570 Series Pin Number Pin Name I/O Circuit Type Function Description 76 P102 J General-Purpose I/O Port SCK4_1 LIN_UART Serial Clock I/O pin ch.4 relocation 1 AN2 ADC Analog Input pin ch.2 TIN2_1 Reload Timer Event Input pin ch.2 relocation 1 PPG10_0 PPG Output pin ch.10 relocation 0 ICU6_2 Input Capture Input pin ch.6 relocation 2 77 P103 J General-Purpose I/O Port SIN5_1 LIN_UART Serial Input pin ch.5 relocation 1 AN3 ADC Analog Input pin ch.3 TIN3_1 Reload Timer Event Input pin ch.3 relocation 1 PPG1_1 PPG Output pin ch.1 relocation 1 ICU7_2 Input Capture Input pin ch.7 relocation 2 78 P104 J General-Purpose I/O Port SOT5_1 LIN_UART Serial Output pin ch.5 relocation 1 AN4 ADC Analog Input pin ch.4 TOT0_1 Reload Timer Output pin ch.0 relocation 1 PPG2_1 PPG Output pin ch.2 relocation 1 ICU8_2 Input Capture Input pin ch.8 relocation 2 79 P105 J General-Purpose I/O Port SCK5_1 LIN_UART Serial Clock I/O pin ch.5 relocation 1 AN5 ADC Analog Input pin ch.5 TOT1_1 Reload Timer Output pin ch.1 relocation 1 PPG3_1 PPG Output pin ch.3 relocation 1 ICU9_2 Input Capture Input pin ch.9 relocation 2 80 P106 J General-Purpose I/O Port AN6 ADC Analog Input pin ch.6 PPG4_1 PPG Output pin ch.4 relocation 1 ICU10_2 Input Capture Input pin ch.10 relocation 2 SGA4_1 Sound Generator SGA Output pin ch.4 relocation 1 81 P107 L General-Purpose I/O Port AN7 ADC Analog Input pin ch.7 PPG5_1 PPG Output pin ch.5 relocation 1 DAO1 DAC Output pin ch.1 ICU11_2 Input Capture Input pin ch.11 relocation 2 SGO4_1 Sound Generator SGO Output pin ch.4 relocation 1 85 P123 L General-Purpose I/O Port OCU1_0 Output Compare Output pin ch.1 relocation 0 PPG8_2 PPG Output pin ch.8 relocation 2 DAO0 DAC Output pin ch.0 AN39 ADC Analog Input pin ch.39 |