| データシートサーチシステム |
|
MB91F577BHSPMC データシート(PDF) 24 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F577BHSPMC データシート(HTML) 24 Page - Cypress Semiconductor |
|
24 / 163 page ![]() Document Number: 002-04725 Rev.*A Page 24 of 163 MB91570 Series Pin Number Pin Name I/O Circuit Type Function Description 92 P114 J General-Purpose I/O Port SCK3_0 LIN_UART Serial Clock I/O pin ch.3 relocation 0 TIN1_0 Reload Timer Event Input pin ch.1 relocation 0 ICU5_1 Input Capture Input pin ch.5 relocation 1 SGA2 Sound Generator SGA Output pin ch.2 TRG3 PPG Trigger Input pin 3 (ch.12-ch.15) AN32 ADC Analog Input pin ch.32 95 P137 M (Y) General-Purpose I/O Port (X0A) Sub Clock oscillation Input pin (only dual clock product) 96 P136 M (Y) General-Purpose I/O Port (X1A) Sub Clock oscillation Output pin (only dual clock product) 97 NMIX R NMI Pin 98 P097 M General-Purpose I/O Port WOT RTC Overflow Output pin SOT3_0 LIN_UART Serial Output pin ch.3 relocation 0 INT8_0 External Interrupt Request Input pin ch.8 relocation 0 TIN0_0 Reload Timer Event Input pin ch.0 relocation 0 ICU4_1 Input Capture Input pin ch.4 relocation 1 PPG0_1 PPG Output pin ch.0 relocation 1 99 P094 M General-Purpose I/O Port SGO1 Sound Generator SGO Output pin ch.1 SIN3_0 LIN_UART Serial Input pin ch.3 relocation 0 INT15_0 External Interrupt Request Input pin ch.15 relocation 0 ICU1_1 Input Capture Input pin ch.1 relocation 1 PPG9_1 PPG Output pin ch.9 relocation 1 100 P093 M General-Purpose I/O Port SGA1 Sound Generator SGA Output pin ch.1 SOT2_0 LIN_UART Serial Output pin ch.2 relocation 0 INT14_0 External Interrupt Request Input pin ch.14 relocation 0 ICU3_1 Input Capture Input pin ch.3 relocation 1 PPG8_1 PPG Output pin ch.8 relocation 1 101 P092 M General-Purpose I/O Port SGO0 Sound Generator SGO Output pin ch.0 SCK2_0 LIN_UART Serial Clock I/O pin ch.2 relocation 0 INT13_0 External Interrupt Request Input pin ch.13 relocation 0 TOT3_1 Reload Timer Output pin ch.3 relocation 1 ICU0_1 Input Capture Input pin ch.0 relocation 1 PPG7_1 PPG Output pin ch.7 relocation 1 |