| データシートサーチシステム |
|
MB91F577CHSPMC データシート(PDF) 16 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F577CHSPMC データシート(HTML) 16 Page - Cypress Semiconductor |
|
16 / 163 page ![]() Document Number: 002-04725 Rev.*A Page 16 of 163 MB91570 Series Pin Number Pin Name I/O Circuit Type Function Description 17 P034 H/I4 *1 General-Purpose I/O Port A06 External Bus Address Output pin SEG20 LCDC Segment(Duty)Output pin SPI_SIO1 HS_SPI SDATA1 I/O pin (Not supported) SIN8_0 Multi-function Serial Input pin ch.8 relocation 0 OCU5_1 Output Compare Output pin ch.5 relocation 1 18 P035 H/I4 *1 General-Purpose I/O Port A07 External Bus Address Output pin SEG21 LCDC Segment(Duty)Output pin SPI_SIO0 HS_SPI SDATA0 I/O pin (Not supported) SOT8_0 Multi-function Serial Output pin ch.8 relocation 0 OCU4_1 Output Compare Output pin ch.4 relocation 1 19 P036 H/I4 *1 General-Purpose I/O Port A08 External Bus Address Output pin SEG22 LCDC Segment(Duty)Output pin PPG11_0 PPG Output pin ch.11 relocation 0 SPI_CLK HS_SPI SCLK I/O pin (Not supported) SCK8_0 Multi-function Serial Clock I/O pin ch.8 relocation 0 22 P037 I General-Purpose I/O Port A09 External Bus Address Output pin SEG23 LCDC Segment(Duty)Output pin ST0 LCDC Segment(Static)Output pin PPG12_0 PPG Output pin ch.12 relocation 0 SIN7_0 LIN_UART Serial Input pin ch.7 relocation 0 23 P040 I General-Purpose I/O Port A10 External Bus Address Output pin SEG24 LCDC Segment(Duty)Output pin ST1 LCDC Segment(Static)Output pin PPG13_0 PPG Output pin ch.13 relocation 0 SOT7_0 LIN_UART Serial Output pin ch.7 relocation 0 24 P041 I General-Purpose I/O Port A11 External Bus Address Output pin SEG25 LCDC Segment(Duty)Output pin ST2 LCDC Segment(Static)Output pin PPG14_0 PPG Output pin ch.14 relocation 0 SCK7_0 LIN_UART Serial Clock I/O pin ch.7 relocation 0 25 P042 I General-Purpose I/O Port A12 External Bus Address Output pin SEG26 LCDC Segment(Duty)Output pin ST3 LCDC Segment(Static)Output pin PPG15_0 PPG Output pin ch.15 relocation 0 AIN0_0 Up/down Counter AIN Input pin ch.0 relocation 0 |