データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MB91F577BSPMC1 データシート(PDF) 22 Page - Cypress Semiconductor

部品番号 MB91F577BSPMC1
部品情報  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577BSPMC1 データシート(HTML) 22 Page - Cypress Semiconductor

Back Button MB91F577BSPMC1 Datasheet HTML 18Page - Cypress Semiconductor MB91F577BSPMC1 Datasheet HTML 19Page - Cypress Semiconductor MB91F577BSPMC1 Datasheet HTML 20Page - Cypress Semiconductor MB91F577BSPMC1 Datasheet HTML 21Page - Cypress Semiconductor MB91F577BSPMC1 Datasheet HTML 22Page - Cypress Semiconductor MB91F577BSPMC1 Datasheet HTML 23Page - Cypress Semiconductor MB91F577BSPMC1 Datasheet HTML 24Page - Cypress Semiconductor MB91F577BSPMC1 Datasheet HTML 25Page - Cypress Semiconductor MB91F577BSPMC1 Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 22 of 163
MB91570 Series
Pin
Number
Pin Name
I/O Circuit
Type
Function Description
76
P102
J
General-Purpose I/O Port
SCK4_1
LIN_UART Serial Clock I/O pin ch.4 relocation 1
AN2
ADC Analog Input pin ch.2
TIN2_1
Reload Timer Event Input pin ch.2 relocation 1
PPG10_0
PPG Output pin ch.10 relocation 0
ICU6_2
Input Capture Input pin ch.6 relocation 2
77
P103
J
General-Purpose I/O Port
SIN5_1
LIN_UART Serial Input pin ch.5 relocation 1
AN3
ADC Analog Input pin ch.3
TIN3_1
Reload Timer Event Input pin ch.3 relocation 1
PPG1_1
PPG Output pin ch.1 relocation 1
ICU7_2
Input Capture Input pin ch.7 relocation 2
78
P104
J
General-Purpose I/O Port
SOT5_1
LIN_UART Serial Output pin ch.5 relocation 1
AN4
ADC Analog Input pin ch.4
TOT0_1
Reload Timer Output pin ch.0 relocation 1
PPG2_1
PPG Output pin ch.2 relocation 1
ICU8_2
Input Capture Input pin ch.8 relocation 2
79
P105
J
General-Purpose I/O Port
SCK5_1
LIN_UART Serial Clock I/O pin ch.5 relocation 1
AN5
ADC Analog Input pin ch.5
TOT1_1
Reload Timer Output pin ch.1 relocation 1
PPG3_1
PPG Output pin ch.3 relocation 1
ICU9_2
Input Capture Input pin ch.9 relocation 2
80
P106
J
General-Purpose I/O Port
AN6
ADC Analog Input pin ch.6
PPG4_1
PPG Output pin ch.4 relocation 1
ICU10_2
Input Capture Input pin ch.10 relocation 2
SGA4_1
Sound Generator SGA Output pin ch.4 relocation 1
81
P107
L
General-Purpose I/O Port
AN7
ADC Analog Input pin ch.7
PPG5_1
PPG Output pin ch.5 relocation 1
DAO1
DAC Output pin ch.1
ICU11_2
Input Capture Input pin ch.11 relocation 2
SGO4_1
Sound Generator SGO Output pin ch.4 relocation 1
85
P123
L
General-Purpose I/O Port
OCU1_0
Output Compare Output pin ch.1 relocation 0
PPG8_2
PPG Output pin ch.8 relocation 2
DAO0
DAC Output pin ch.0
AN39
ADC Analog Input pin ch.39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More