データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM7301IM データシート(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
部品番号 LM7301IM
部品情報  Low Power, 4 MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in TinyPak??Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7301IM データシート(HTML) 9 Page - National Semiconductor (TI)

Back Button LM7301IM Datasheet HTML 3Page - National Semiconductor (TI) LM7301IM Datasheet HTML 4Page - National Semiconductor (TI) LM7301IM Datasheet HTML 5Page - National Semiconductor (TI) LM7301IM Datasheet HTML 6Page - National Semiconductor (TI) LM7301IM Datasheet HTML 7Page - National Semiconductor (TI) LM7301IM Datasheet HTML 8Page - National Semiconductor (TI) LM7301IM Datasheet HTML 9Page - National Semiconductor (TI) LM7301IM Datasheet HTML 10Page - National Semiconductor (TI) LM7301IM Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Typical Applications (Continued)
REMOTE MICROPHONE IN
PERSONAL COMPUTERS
Remote microphones in Personal Computers often utilize a
microphone at the top of the monitor which must drive a long
cable in a high noise environment. One method often used to
reduce the nose is to lower the signal impedance, which re-
duces the noise pickup. In this configuration, the amplifier
usually requires 30 db–40 db of gain, at bandwidths higher
than most low-power CMOS parts can achieve. The LM7301
offers the tiny package, higher bandwidths, and greater out-
put drive capability than other rail-to-rail input/output parts
can provide for this application.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11