| データシートサーチシステム |
|
MB91F465KB データシート(PDF) 15 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F465KB データシート(HTML) 15 Page - Cypress Semiconductor |
|
15 / 86 page ![]() MB91460K Series Document Number: 002-04602 Rev. *A Page 15 of 86 86 J1 High-speed oscillation circuit: ■ Programmable between oscillation mode (external crystal or resonator connected to X0/X1 pins) and Fast external Clock Input (FCI) mode (external clock connected to X0 pin) ■ Feedback resistor = approx. 2 * 0.5 M. Feedback resistor is grounded in the center when the oscillator is disabled or in FCI mode. J2 Low-speed oscillation circuit: ■ Feedback resistor = approx. 2 * 5 M. Feedback resistor is grounded in the center when the oscillator is disabled. Type Circuit Remarks X1 X0 R R Xout FCI 0 1 FCI or osc disable X1A X0A R R Xout osc disable |