| データシートサーチシステム |
|
MB91F467DA データシート(PDF) 2 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91F467DA データシート(HTML) 2 Page - Cypress Semiconductor |
|
2 / 137 page ![]() Document Number: 002-04613 Rev. *A Page 2 of 137 MB91460D Series ■ Clock supervisor ❐ Monitors the sub-clock (32 kHz) and the main clock (4 MHz) , and switches to a recovery clock (CR oscillator, etc.) when the oscillations stop. ■ Clock modulator ■ Clock monitor ■ Sub-clock calibration ❐ Corrects the real-time clock timer when operating with the 32 kHz or CR oscillator ■ Main oscillator stabilization timer ❐ Generates an interrupt in sub-clock mode after the stabilization wait time has elapsed on the 23-bit stabilization wait time counter ■ Sub-oscillator stabilization timer ❐ Generates an interrupt in main clock mode after the stabilization wait time has elapsed on the 15-bit stabilization wait time counter Package and technology ■ Package : QFP-208 ■ CMOS 0.18 m technology ■ Power supply range 3 V to 5 V (1.8 V internal logic provided by a step-down voltage converter) ■ Operating temperature range: between 40°C and 105°C |