| データシートサーチシステム |
|
MB90438LPF データシート(PDF) 13 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90438LPF データシート(HTML) 13 Page - Cypress Semiconductor |
|
13 / 61 page ![]() MB90435 Series 12 DS07-13727-2E (Continued) *1 : FPT-100P-M06 *2 : FPT-100P-M20 Pin No. Pin name Circuit type Function LQFP*2 QFP*1 72 74 P95 D General I/O port. 73 75 P96 D General I/O port. 74 76 P97 D General I/O port. 76 78 PA0 D General I/O port. 32 34 AVCC Power supply Power supply pin for the A/D Converter. This power supply must be turned on or off while a voltage higher than or equal to AVCC is applied to VCC. 35 37 AVSS Power supply Power supply pin for the A/D Converter. 33 35 AVRH Power supply External reference voltage input pin for the A/D Converter. This power supply must be turned on or off while a voltage higher than or equal to AVRH is applied to AVCC. 34 36 AVRL Power supply External reference voltage input pin for the A/D Converter. 47 48 49 50 MD0 MD1 C Input pins for specifying the operating mode. The pins must be directly connected to VCC or VSS. 49 51 MD2 F Input pin for specifying the operating mode. The pin must be directly connected to VCC or VSS. 25 27 C ⎯ Power supply stabilization capacitor pin. It should be connect- ed externally to an 0.1 µF ceramic capacitor. 21, 82 23, 84 VCC Power supply Input pin for power supply (5.0 V) . 9, 40, 79 11, 42, 81 VSS Power supply Input pin for power supply (0.0 V) . |