データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ZAMC4100GA2R データシート(PDF) 13 Page - Integrated Device Technology

部品番号 ZAMC4100GA2R
部品情報  Actuator and Motor Controller
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

ZAMC4100GA2R データシート(HTML) 13 Page - Integrated Device Technology

Back Button ZAMC4100GA2R Datasheet HTML 9Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 10Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 11Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 12Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 13Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 14Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 15Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 16Page - Integrated Device Technology ZAMC4100GA2R Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 155 page
background image
ZAMC4100 Datasheet
© 2016 Integrated Device Technology, Inc.
13
January 26, 2016
Table 4.8
Register [0x4000_000C] SYS_RSTSTAT ..................................................................................... 124
Table 4.9
Register [0x4000_1400] GPIO_DIR .............................................................................................. 125
Table 4.10
Register [0x4000_1404] GPIO_IN ................................................................................................. 125
Table 4.11
Register [0x4000_1408] GPIO_OUT ............................................................................................. 126
Table 4.12
Register [0x4000_140C] GPIO_SETCLR...................................................................................... 126
Table 4.13
Register [0x4000_1410] GPIO_IRQSTAT ..................................................................................... 126
Table 4.14
Register [0x4000_1414] GPIO_IRQEN ......................................................................................... 127
Table 4.15
Register [0x4000_1418] GPIO_IRQEDGE .................................................................................... 127
Table 4.16
Register [0x4000_141C] GPIO_TRIGEN ...................................................................................... 127
Table 4.17
Register [0x4000_1000] T32_CTRL .............................................................................................. 128
Table 4.18
Register [0x4000_1004] T32_TRIGSEL ........................................................................................ 129
Table 4.19
Register [0x4000_1008] T32_CNT ................................................................................................ 129
Table 4.20
Register [0x4000_100C] T32_REL................................................................................................ 129
Table 4.21
Register [0x4000_1820] Z1_SPICFG ............................................................................................ 130
Table 4.22
Register [0x4000_1824] Z1_SPIDATA .......................................................................................... 130
Table 4.23
Register [0x4000_1828] Z1_SPICLKCFG ..................................................................................... 131
Table 4.24
Register [0x4000_182C] Z1_SPISTAT.......................................................................................... 131
Table 4.25
Register [0x4000_1800] Z1_LINCFG ............................................................................................ 132
Table 4.26
Register [0x4000_1804] Z1_LINSTAT........................................................................................... 133
Table 4.27
Register [0x4000_1808] Z1_LINDATA .......................................................................................... 134
Table 4.28
Register [0x4000_180C] Z1_LINIRQEN........................................................................................ 134
Table 4.29
Register [0x4000_1810] Z1_LINBAUDLOW.................................................................................. 135
Table 4.30
Register [0x4000_1814] Z1_LINBAUDHIGH................................................................................. 135
Table 4.31
Register [0x4000_0800] FC_RAM_ADDR..................................................................................... 136
Table 4.32
Register [0x4000_0804] FC_FLASH_ADDR ................................................................................. 136
Table 4.33
Register [0x4000_080C] FC_EXE_CMD....................................................................................... 136
Table 4.34
Register [0x4000_0808] FC_CMD_SIZE....................................................................................... 137
Table 4.35
Register [0x4000_0810] FC_IRQ_EN ........................................................................................... 137
Table 4.36
Register [0x4000_0814] FC_STAT_CORE ................................................................................... 138
Table 4.37
Register [0x4000_0818] FC_STAT_PROG ................................................................................... 139
Table 4.38
Register [0x4000_081C] FC_STAT_DATA .................................................................................. 139
Table 6.1
Parameters for External Components in Typical Automotive Mirror Control Application............... 147
Table 7.1
Pin Description............................................................................................................................... 149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More