データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ZLED7002 データシート(PDF) 11 Page - Integrated Device Technology

部品番号 ZLED7002
部品情報  Toggle (Side-Step) Dual-Channel LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7002 データシート(HTML) 11 Page - Integrated Device Technology

Back Button ZLED7002 Datasheet HTML 4Page - Integrated Device Technology ZLED7002 Datasheet HTML 5Page - Integrated Device Technology ZLED7002 Datasheet HTML 6Page - Integrated Device Technology ZLED7002 Datasheet HTML 7Page - Integrated Device Technology ZLED7002 Datasheet HTML 8Page - Integrated Device Technology ZLED7002 Datasheet HTML 9Page - Integrated Device Technology ZLED7002 Datasheet HTML 10Page - Integrated Device Technology ZLED7002 Datasheet HTML 11Page - Integrated Device Technology ZLED7002 Datasheet HTML 12Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ZLED7002 Datasheet
© 2016 Integrated Device Technology, Inc.
11
April 20, 2016
Figure 5.2
SOP8 Package Drawing
Table 5.2
SOP8 Package Dimensions
Symbol
Dimension (mm)
Symbol
Dimension (mm, except
θ)
Min
Max
Min
Max
A
1.350
1.750
E
3.800
4.000
A1
0.100
0.250
E1
5.800
6.240
A2
1.450 Typical
e
1.270 Typical
b
0.350
0.490
L
0.400
1.270
c
0.178
0.250
θ
0°
8°
D
4.800
5.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12