| データシートサーチシステム |
|
LM74 データシート(PDF) 7 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM74 データシート(HTML) 7 Page - National Semiconductor (TI) |
|
7 / 15 page ![]() Logic Electrical Characteristics (Continued) Note 7: Typicals are at TA = 25˚C and represent most likely parametric norm. Note 8: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level). Note 9: This specification is provided only to indicate how often temperature data is updated. The LM74 can be read at any time without regard to conversion state (and will yield last conversion result). A conversion in progress will not be interrupted. The output shift register will be updated at the completion of the read and a new conversion restarted. Note 10: For best accuracy, minimize output loading. Higher sink currents can affect sensor accuracy with internal heating. This can cause an error of 0.64˚C at full rated sink current and saturation voltage based on junction-to-ambient thermal resistance. Electrical Characteristics TRI-STATE Test Circuit 10090908 FIGURE 5. Temperature-to-Digital Transfer Function (Non-linear scale for clarity) 10090907 FIGURE 6. www.national.com 7 |