| データシートサーチシステム |
|
ADA4177-2ARMZ-R7 データシート(PDF) 9 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4177-2ARMZ-R7 データシート(HTML) 9 Page - Analog Devices |
|
9 / 31 page ![]() Data Sheet ADA4177-1/ADA4177-2/ADA4177-4 Figure 5. 8-Lead MSOP Pin Configuration, ADA4177-2 Figure 6. 8-Lead SOIC Pin Configuration, ADA4177-2 Table 7. ADA4177-2 Pin Function Descriptions Pin No. Mnemonic Description 1 OUT A Output Channel A. 2 −IN A Inverting Input Channel A. 3 +IN A Noninverting Input Channel A. 4 V− Negative Supply Voltage. 5 +IN B Noninverting Input Channel B. 6 −IN B Inverting Input Channel B. 7 OUT B Output Channel B. 8 V+ Positive Supply Voltage. OUT A 1 –IN A 2 +IN A 3 V– 4 V+ 8 OUT B 7 –IN B 6 +IN B 5 ADA4177-2 TOP VIEW (Not to Scale) OUT A 1 –IN A 2 +IN A 3 V– 4 V+ 8 OUT B 7 –IN B 6 +IN B 5 ADA4177-2 TOP VIEW (Not to Scale) Rev. C | Page 9 of 31 |