| データシートサーチシステム |
|
ADA4806-1ARJZ-R7 データシート(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4806-1ARJZ-R7 データシート(HTML) 4 Page - Analog Devices |
|
4 / 25 page ![]() Data Sheet ADA4806-1 SPECIFICATIONS ±5 V SUPPLY VS = ±5 V at TA = 25°C; RF = 0 Ω for G = +1; otherwise, RF = 1 kΩ; RL = 2 kΩ to ground; unless otherwise noted. Table 2. Parameter Test Conditions/Comments Min Typ Max Unit DYNAMIC PERFORMANCE −3 dB Bandwidth G = +1, VOUT = 0.02 V p-p 120 MHz G = +1, VOUT = 2 V p-p 40 MHz Bandwidth for 0.1 dB Flatness G = +1, VOUT = 0.02 V p-p 18 MHz Slew Rate G = +1, VOUT = 2 V step 190 V/µs G = +2, VOUT = 4 V step 250 V/µs Settling Time to 0.1% G = +1, VOUT = 2 V step 35 ns G = +2, VOUT = 4 V step 78 ns NOISE/DISTORTION PERFORMANCE Harmonic Distortion, HD2/HD31 fC = 20 kHz, VOUT = 2 V p-p −114/−140 dBc fC = 100 kHz, VOUT = 2 V p-p −102/−128 dBc fC = 20 kHz, VOUT = 4 V p-p, G = +1 −109/−143 dBc fC = 100 kHz, VOUT = 4 V p-p, G = +1 −93/−130 dBc fC = 20 kHz, VOUT = 4 V p-p, G = +2 −113/−142 dBc fC = 100 kHz, VOUT = 4 V p-p, G = +2 −96/−130 dBc Input Voltage Noise f = 100 kHz 5.2 nV/√Hz Input Voltage Noise 1/f Corner Frequency 8 Hz 0.1 Hz to 10 Hz Voltage Noise 44 nV rms Input Current Noise f = 100 kHz 0.7 pA/√Hz DC PERFORMANCE Input Offset Voltage Full power mode 13 125 µV Low power mode, SLEEP = −VS 800 µV Input Offset Voltage Drift2 TMIN to TMAX, 4 σ 0.2 1.5 µV/°C Input Bias Current (IB) Full power mode 550 800 nA Low power mode, SLEEP = −VS 3 nA Input Offset Current 2.1 25 nA Open-Loop Gain VOUT = −4.0 V to +4.0 V 107 111 dB INPUT CHARACTERISTICS Input Resistance Common Mode 50 MΩ Differential Mode 260 kΩ Input Capacitance 1 pF Input Common-Mode Voltage Range −5.1 +4 V Common-Mode Rejection Ratio (CMRR) VIN, CM = −4.0 V to +4.0 V 103 130 dB SHUTDOWN PIN SHUTDOWN Voltage Low Powered down <−1.3 V High Enabled >−0.9 V SHUTDOWN Current Low Powered down −1.0 +0.2 µA High Enabled 0.02 1.0 µA Turn-Off Time 50% of SHUTDOWN to <10% of enabled quiescent current 1.25 2.75 µs Turn-On Time 50% of SHUTDOWN to >99% of final VOUT 1 3 µs Rev. 0 | Page 3 of 24 |