| データシートサーチシステム |
|
AD8233ACBZ-R7 データシート(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8233ACBZ-R7 データシート(HTML) 4 Page - Analog Devices |
|
4 / 30 page ![]() Data Sheet AD8233 Rev. 0 | Page 3 of 29 SPECIFICATIONS +VS = 1.8 V to 3 V ± 5.5%, VREF = +VS/2, VCM = +VS/2, TA = 25°C, FR = low, SDN = high, AC/DC = low, RLD SDN = low, unless otherwise noted. Table 2. Parameter Symbol Test Conditions/Comments Min Typ Max Unit INSTRUMENTATION AMPLIFIER Common-Mode Rejection Ratio, DC to 60 Hz CMRR VCM = 0.35 V to +VS − 150 mV, VDIFF = 0 V 80 86 dB VCM = 0.35 V to +VS − 150 mV, VDIFF = ±0.3 V 80 dB Power Supply Rejection Ratio PSRR +VS = 1.8 V to 3.5 V 76 90 dB Offset Voltage (RTI) VOS Instrumentation Amplifier Inputs 1 6 mV DC Blocking Input1 25 μV Average Offset Drift Instrumentation Amplifier Inputs 2 μV/°C DC Blocking Input1 0.05 μV/°C Input Bias Current IB 50 200 pA TA = 0°C to 70°C 1 nA Input Offset Current IOS 25 100 pA TA = 0°C to 70°C 1 nA Input Impedance Differential 10||7.5 GΩ||pF Common Mode 5||15 GΩ||pF Input Voltage Noise (RTI) Spectral Noise Density f = 1 kHz 150 nV/√Hz Peak-to-Peak Voltage Noise f = 0.1 Hz to 10 Hz 10 μV p-p f = 0.5 Hz to 40 Hz 8.5 μV p-p Input Voltage Range TA = 0°C to 70°C 0.2 +VS V DC Differential Input Range VDIFF −300 +300 mV Output Output Swing RL = 50 kΩ 0.1 +VS − 0.1 V Short-Circuit Current IOUT 6.3 mA Gain AV 100 V/V Gain Error VDIFF = 0 V 0.4 % VDIFF = −300 mV to +300 mV 1 4 % Average Gain Drift TA = 0°C to 70°C 12 ppm/°C Bandwidth BW 1 kHz RFI Filter Cutoff (Each Input) 1 MHz OPERATIONAL AMPLIFIER (A1) Offset Voltage VOS 1 5 mV Average Temperature Coefficient TC TA = 0°C to 70°C 1 μV/°C Input Bias Current IB 100 pA TA = 0°C to 70°C 1 nA Input Offset Current IOS 100 pA TA = 0°C to 70°C 1 nA Input Voltage Range 0.1 +VS − 0.1 V Common-Mode Rejection Ratio CMRR VCM = 0.5 V to +VS − 0.5 V 100 dB Power Supply Rejection Ratio PSRR 100 dB Large Signal Voltage Gain AVO 110 dB Output Voltage Range RL = 50 kΩ 0.1 +VS − 0.1 V Short-Circuit Current Limit IOUT 12 mA Gain Bandwidth Product GBP 15 kHz |