| データシートサーチシステム |
|
AD9364BBCZ データシート(PDF) 1 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9364BBCZ データシート(HTML) 1 Page - Analog Devices |
|
1 / 33 page ![]() RF Agile Transceiver Data Sheet AD9364 Rev. C Document Feedback Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 ©2013–2014 Analog Devices, Inc. All rights reserved. Technical Support www.analog.com FEATURES RF 1 × 1 transceiver with integrated 12-bit DACs and ADCs Band: 70 MHz to 6.0 GHz Supports time division duplex (TDD) and frequency division duplex (FDD) operation Tunable channel bandwidth (BW): <200 kHz to 56 MHz 3-band receiver: 3 differential or 6 single-ended inputs Superior receiver sensitivity with a noise figure of <2.5 dB Rx gain control Real-time monitor and control signals for manual gain Independent automatic gain control 2-band differential output transmitter Highly linear broadband transmitter Tx EVM: ≤−40 dB Tx noise: ≤−157 dBm/Hz noise floor Tx monitor: ≥66 dB dynamic range with 1 dB accuracy Integrated fractional-N synthesizers 2.4 Hz maximum local oscillator (LO) step size Multichip synchronization CMOS/LVDS digital interface APPLICATIONS Point to point communication systems Femtocell/picocell/microcell base stations General-purpose radio systems FUNCTIONAL BLOCK DIAGRAM Figure 1. GENERAL DESCRIPTION The AD9364 is a high performance, highly integrated radio fre- quency (RF) Agile Transceiver™ designed for use in 3G and 4G base station applications. Its programmability and wideband capability make it ideal for a broad range of transceiver applications. The device combines an RF front end with a flexible mixed-signal baseband section and integrated frequency synthesizers, simpli- fying design-in by providing a configurable digital interface to a processor. The AD9364 operates in the 70 MHz to 6.0 GHz range, covering most licensed and unlicensed bands. Channel bandwidths from less than 200 kHz to 56 MHz are supported. The direct conversion receiver has state-of-the-art noise figure and linearity. The receive (Rx) subsystem includes independent automatic gain control (AGC), dc offset correction, quadrature correction, and digital filtering, thereby eliminating the need for these functions in the digital baseband. The AD9364 also has flexible manual gain modes that can be externally controlled. Two high dynamic range ADCs digitize the received I and Q signals and pass them through configurable decimation filters and 128-tap FIR filters to produce a 12-bit output signal at the appropriate sample rate. The transmitter uses a direct conversion architecture that achieves high modulation accuracy with ultralow noise. This transmitter design produces a Tx EVM of ≤−40 dB, allowing significant system margin for the external power amplifier (PA) selection. The on- board transmit (Tx) power monitor can be used as a power detector, enabling highly accurate Tx power measurements. The fully integrated phase-locked loops (PLLs) provide low power fractional-N frequency synthesis for all Rx and Tx channels. All VCO and loop filter components are integrated. The core of the AD9364 can be powered directly from a 1.3 V regulator. The IC is controlled via a standard 4-wire serial port and four real-time input control pins. Comprehensive power-down modes are included to minimize power consumption during normal use. The AD9364 is packaged in a 10 mm × 10 mm, 144-ball chip scale package ball grid array (CSP_BGA). AD9364 RXB_P, RXB_N P1_[D11:D0]/ RX_[D5:D0] P0_[D11:D0]/ TX_[D5:D0] RADIO SWITCHING RXA_P, RXA_N RXC_P, RXC_N TX_MON Rx LO Tx LO TXA_P, TXA_N TXB_P, TXB_N CTRL AUXDACx XTALN AUXADC CTRL SPI GPO PLLs CLK_OUT DAC ADC NOTES 1. SPI, CTRL, P0_[D11:D0]/TX_[D5:D0], P1_[D11:D0]/RX_[D5:D0], AND RADIO SWITCHING CONTAIN MULTIPLE PINS. |
同様の部品番号 - AD9364BBCZ |
|
同様の説明 - AD9364BBCZ |