| データシートサーチシステム |
|
ADP2443ACPZN-R7 データシート(PDF) 17 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP2443ACPZN-R7 データシート(HTML) 17 Page - Analog Devices |
|
17 / 25 page ![]() ADP2443 Data Sheet Rev. 0 | Page 16 of 24 Calculate the rms current of the inductor from the following equation: IRMS = 12 2 2 L OUT I I ∆ + Shielded ferrite core materials are recommended for low core loss and low EMI. Table 6 lists recommended inductors. Table 6. Recommended Inductors Vendor Part Number Value (µH) ISAT (A) IRMS (A) DC Resistance (DCR) (mΩ) Toko FDVE0630-R75M 0.75 10.9 10.7 6.2 FDVE0630-1R0M 1.0 9.5 9.5 8.5 FDVE1040-1R5M 1.5 13.7 14.6 4.6 FDVE1040-2R2M 2.2 11.4 11.6 6.8 FDVE1040-3R3M 3.3 9.8 9.0 10.1 FDVE1040-4R7M 4.7 8.2 8.0 13.8 FDVE1040-5R6M 5.6 7.9 7.3 18.0 FDVE1040-6R8M 6.8 7.1 7.1 20.2 FDVE1040-100M 10 6.1 5.2 34.1 CoilCraft XAL5030-601ME 0.6 19.8 17.7 4.52 XAL5030-801ME 0.8 18.5 13 5.65 XAL6030-102ME 1.0 23 18 6.18 XAL6030-122ME 1.2 22 16 7.5 XAL6030-182ME 1.8 18.2 14 10.5 XAL6030-222ME 2.2 15.9 10 14.0 XAL6030-332ME 3.3 12.2 8 20.8 XAL6060-472ME 4.7 10.5 11 16.4 XAL6060-562ME 5.6 9.9 10 17.8 XAL6060-682ME 6.8 9.2 9 20.8 XAL6060-822ME 8.2 8.4 8 26.4 XAL6060-103ME 10 7.6 7 29.8 XAL6060-153ME 15 5.8 6 43.8 XAL6060-223ME 22 5.6 5 60.6 Würth Elektronik 744 333 0068 0.68 38 20 1.35 744 333 0082 0.82 36 20 1.35 744 333 0100 1.0 27.5 20 1.35 744 333 0150 1.5 27 18 2.5 744 333 0220 2.2 22 16.5 3.7 744 333 0330 3.3 15.5 14 5.4 744 333 0470 4.7 15 13 8.2 744 333 0680 6.8 11 11.5 13.2 744 333 0820 8.2 8 11.5 13.2 744 333 100 0 10 8 9 20.7 744 373 490 068 0.68 26 12 4.5 744 373 490 082 0.82 25 11.3 4.9 744 373 490 10 1.0 19.5 10 6.5 744 373 490 15 1.5 14.5 8 9 744 373 490 22 2.2 14 7.5 12 744 373 490 33 3.3 12 6 20.9 744 373 490 47 4.7 11 5 30.8 744 373 490 68 6.8 9.5 3.5 51.5 744 373 490 82 8.2 9 3.3 63 744 373 491 00 10 8 3.2 69 744 373 492 20 22 6.5 2.1 170 |