| データシートサーチシステム |
|
KBPC50005W データシート(PDF) 1 Page - Kingtronics International Company |
|
|
|||||||||||||||||||||||||||||
KBPC50005W データシート(HTML) 1 Page - Kingtronics International Company |
|
1 / 2 page ![]() 1 SINGLE-PHASE BRIDGE RECTIFIER REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 50.0 Ampere FEATURES High forward surge current capability Low thermal resistance High isolation voltage from case to lugs High temperature soldering guaranteed: 260°C /10 second, at 5 lbs. (2.3kg) tension. MECHANICAL DATA Case: Metal case Terminal: Plated 0.25" (6.35mm) lug Polarity: Polarity symbols molded on case Mounting: Thru hole for #10 screw, 20 in,- lbs. Torque Max Weight: 1.02 ounce, 29 gram MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25℃ ambient temperature unless otherwise specified , Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load derate current by 20% PARAMETER SYMBOL KBPC 50005W KBPC 5001W KBPC 5002W KBPC 5004W KBPC 5006W KBPC 5008W KBPC 5010W UNIT Maximum Repetitive Peak Reverse Voltage VRRM 50 100 200 400 600 800 1000 Volts Maximum RMS Voltage VRRM 35 70 140 280 420 560 700 Volts Maximum DC Blocking Voltage VDC 50 100 200 400 600 800 1000 Volts Maximum Average Forward Rectified Output Current, at TC=55℃(Note1,2) I(AV) 50 Amps Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) IFSM 400 Amps Rating for Fusing(t<8.3ms) I 2t 664 A 2 S Maximum Instantaneous Forward Voltage at 7.5A VF 1.1 Volts Maximum DC Reverse Current at rated DC blocking voltage TA=25℃ IR 5.0 uAmps TA=150℃ 1.0 mAmps Isolation Voltage from case to lugs VISO 2500 VAC Typical Thermal Resistance (Note 1,2) RθJC 2.0 ℃/W Operating Temperature Range TJ -65 to +150 ℃ Storage Temperature Range TSTG -65 to +150 ℃ 1- Unit mounted on 5”×4”×3” thick (12.8mm×10.2mm×7.3mm) Al. plate. 2- Bolt down on heat-sink with silicone thermal compound between bridge and mounting surface for maximum heat transfer efficiency with #10 screw. KBPC50005W THRU KBPC5010W KPBC-W Website: www.kingtronics.com Email: info@kingtronics.com Tel: (852) 8106 7033 Fax: (852) 8106 7099 Dimensions in inches and (millimeters) |
同様の部品番号 - KBPC50005W |
|
同様の説明 - KBPC50005W |