| データシートサーチシステム |
|
AD9528BCPZ データシート(PDF) 42 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9528BCPZ データシート(HTML) 42 Page - Analog Devices |
|
42 / 68 page ![]() Data Sheet AD9528 Rev. C | Page 41 of 67 DEVICE INITIALIZATION AND CALIBRATION FLOWCHARTS The flowcharts in this section show a typical AD9528 initialization routine using an evaluation software generated setup file (.stp), and calibration routines designed for robust system startup. Figure 52, Figure 53, Figure 54, and Figure 55 assume the following: dual loop configuration, VCXO with a ±100 ppm pull range, and a valid frequency translation from a .stp file. These flowcharts are provided as recommendations. The count variable for the chip level reset loop (RST_COUNT) and the count variable for the PLL2 recalibration loop (CAL_COUNT) are count variables used to establish a count limit to a loop, such that it is not an infinite loop. These variables only apply to initialization. |