データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADP7182AUJZ-2.5-R7 データシート(PDF) 28 Page - Analog Devices

部品番号 ADP7182AUJZ-2.5-R7
部品情報  Positive or negative enable logic
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADP7182AUJZ-2.5-R7 データシート(HTML) 28 Page - Analog Devices

Back Button ADP7182AUJZ-2.5-R7 Datasheet HTML 23Page - Analog Devices ADP7182AUJZ-2.5-R7 Datasheet HTML 24Page - Analog Devices ADP7182AUJZ-2.5-R7 Datasheet HTML 25Page - Analog Devices ADP7182AUJZ-2.5-R7 Datasheet HTML 26Page - Analog Devices ADP7182AUJZ-2.5-R7 Datasheet HTML 27Page - Analog Devices ADP7182AUJZ-2.5-R7 Datasheet HTML 28Page - Analog Devices ADP7182AUJZ-2.5-R7 Datasheet HTML 29Page - Analog Devices ADP7182AUJZ-2.5-R7 Datasheet HTML 30Page - Analog Devices ADP7182AUJZ-2.5-R7 Datasheet HTML 31Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
ADP7182
Data Sheet
Rev. I | Page 28 of 31
PCB LAYOUT CONSIDERATIONS
Place the input capacitor as close as possible to the VIN and GND
pins. Place the output capacitor as close as possible to the VOUT
and GND pins. Use of 1206 or 0805 size capacitors and resistors
achieves the smallest possible footprint solution on boards where
area is limited.
Figure 101. Example of the 6-Lead LFCSP PCB Layout
Figure 102. Example of the 8-Lead LFCSP PCB Layout
Figure 103. Example of the 5-Lead TSOT PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31