| データシートサーチシステム |
|
SSD1815 データシート(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SSD1815 データシート(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 35 page ![]() SSD1815 2 REV 1.5 03/2000 SOLOMON LCD Driving Voltage Generator 2X / 3X / 4X DC/DC Converter, Voltage Regulator, Bias Divider, Contrast Control, Temperature Compensation ROW0 ~ ROW63 SEG0~SEG131 M CL VSS VDD RES D7 VL6 VL2 C1P GDDRAM 132 X 65 Bits Command Decoder Parallel / Serial Interface Command Interface Display Timing Generator Display Data Latch HV Buffer Cell Level Shifter Level Selector CS1 Oscillator MSTAT DOF M/S P/S CS2 D/C D6 D5 D4 D3 D2 D1 D0 (SDA) (SCK) VDD CLS C68/80 E (RD) R/W (WR) Block Diagram ICONS VL5 VL4 VL3 C1N C2N C2P C3N IRS HPM VFS VSS1 VF VEE Figure 1 - Block Diagram of SSD1815 |