| データシートサーチシステム |
|
SSD1815Z データシート(PDF) 9 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SSD1815Z データシート(HTML) 9 Page - List of Unclassifed Manufacturers |
|
9 / 35 page ![]() SOLOMON SSD1815 9 REV 1.5 03/2000 Oscillation Circuit enable OSC1 OSC2 Internal pwell resistor Oscillator enable Buffer enable (CL) Figure 4 - Oscillator Circuitry OPERATION OF LIQUID CRYSTAL DISPLAY DRIVER Description of Block Diagram Module R/W(WR) E(RD) N n n+1 n+2 data bus write column address dummy read data read1 data read 2 data read 3 Figure 3 - Display data read with the insertion of dummy read Command Decoder and Command Interface This module determines whether the input data is interpreted as data or command. Data is directed to this module based upon the input of the D/C pin. If D/C is high, data is written to Graphic Display Data RAM (GDDRAM). If D/C is low, the input at D7-D0 is interpreted as a Command and it will be decoded and be written to the corre- sponding command register. MPU Parallel 6800-series Interface The parallel interface consists of 8 bi-directional data pins (D7-D0), R/W(WR), D/C, E(RD), CS1 and CS2. R/W(WR) input High indicates a read operation from the Graphic Display Data RAM (GDDRAM) or the status register. R/W(WR) input Low indicates a write operation to Display Data RAM or Internal Command Registers depending on the status of D/C input. The E(RD) input serves as data latch signal (clock) when high provided that CS1 and CS2 are low and high respectively. Refer to Figure 9 for Parallel Interface Timing Diagram of 6800-series microprocessors. In order to match the operating frequency of display RAM with that of the microprocessor, some pipeline processing is internally per- formed which requires the insertion of a dummy read before the first actual display data read. This is shown in Figure 3 below. MPU Parallel 8080-series interface The parallel interface consists of 8 bi-directional data pins (D7-D0), E(RD), R/W(WR), D/C, CS1 and CS2. E(RD) input serves as data read latch signal (clock) when low provided that CS1 and CS2 are low and high respectively. Whether it is display data or status regis- ter read is controlled by D/C. R/W(WR) input serves as data write latch signal(clock) when high provided that CS1 and CS2 are low and high respectively. Whether it is display data or command regis- ter write is controlled by D/C. Refer to Figure 10 for Parallel Interface Timing Diagram of 8080-series microprocessor. Similar to 6800-series interface, a dummy read is also required before the first actual display data read. MPU Serial interface The serial interface consists of serial clock SCK (D6), serial data SDA (D7), D/C, CS1 and CS2. SDA is shifted into a 8-bit shift register on every rising edge of SCL in the order of D7, D6,... D0. D/C is sam- pled on every eighth clock to determine whether the data byte in the shift register is written to the Display Data RAM or command register at the same clock. Oscillator Circuit This module is an On-Chip low power RC oscillator circuitry (Figure 4). The oscillator generates the clock for the DC-DC volt- age converter. This clock is also used in the Display Timing Gen- erator. |