データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ACT4529YH-T0010 データシート(PDF) 9 Page - Active-Semi, Inc

部品番号 ACT4529YH-T0010
部品情報  40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACTIVE-SEMI [Active-Semi, Inc]
ホームページ  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4529YH-T0010 データシート(HTML) 9 Page - Active-Semi, Inc

Back Button ACT4529YH-T0010 Datasheet HTML 5Page - Active-Semi, Inc ACT4529YH-T0010 Datasheet HTML 6Page - Active-Semi, Inc ACT4529YH-T0010 Datasheet HTML 7Page - Active-Semi, Inc ACT4529YH-T0010 Datasheet HTML 8Page - Active-Semi, Inc ACT4529YH-T0010 Datasheet HTML 9Page - Active-Semi, Inc ACT4529YH-T0010 Datasheet HTML 10Page - Active-Semi, Inc ACT4529YH-T0010 Datasheet HTML 11Page - Active-Semi, Inc ACT4529YH-T0010 Datasheet HTML 12Page - Active-Semi, Inc ACT4529YH-T0010 Datasheet HTML 13Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
ACT4529
Rev 4, 06-Jan-2017
Innovative Power
TM
- 9 -
www.active-semi.com
Copyright
©
2
0
1
5
-2017 Active-Semi, Inc.
Current Sense Resistor
The traces leading to and from the sense resistor
can be significant error sources. With small value
sense resistors, trace resistance shared with the
load can cause significant errors. It is recommended
to connect the sense resistor pads directly to the
CSP and CSN pins using
K
e
l
v
i
n
o
r
4
-wire
connection techniques as shown below.
Current Limit Setting
If output current hits
current limit, output voltage
drops to keep the current to a constant value.
The following equation calculates the constant
current limit.
Where Rcs is current sense resistor.
P
C
B
L
o
a
d
T
r
a
c
e
K
e
v
i
n
S
e
n
s
e
T
r
a
c
e
s
S
e
n
s
e
R
e
s
i
s
t
o
r
)
(
66
)
(
m
Rcs
mV
A
ILimit
ACT4529
APPLICATIONS INFORMATION
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com