| データシートサーチシステム |
|
HMC832LP6GETR データシート(PDF) 33 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
HMC832LP6GETR データシート(HTML) 33 Page - Analog Devices |
|
33 / 49 page ![]() HMC832 Data Sheet Figure 48. Serial Port Timing Diagram, Read 1 t1 t5 t4 t7 t6 t2 18 19 20 READ ADDRESS REGISTER ADDRESS = 00000 FIRST CYCLE CHIP ADDRESS = 000 24 25 29 30 31 32 R0 R3 D0 D4 D5 x x x LD/GPO SCK SDI SEN LD_SDO OR TRISTATE LD/GPO x x x x x x x x x x R4 A2 A1 A0 t3 1 t1 t7 t6 18 19 20 SECOND CYCLE 24 25 29 30 31 32 R0 R3 D0 D4 D5 D23 x x D23 LD/GPO SCK SDI SEN LD_SDO LD/GPO1 1FOR MORE INFORMATION ON USING THE GPO PIN WHILE IN SPI OPEN MODE PLEASE SEE SERIAL PORT SECTION. D22 D2 D1 D0 R4 R0 A2 A1 A0 R4 A2 A1 A0 t3 Rev. A | Page 32 of 48 |