データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USB245 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 USB245
部品情報  Pinout Information
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

USB245 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  USB245 Datasheet HTML 1Page - List of Unclassifed Manufacturers USB245 Datasheet HTML 2Page - List of Unclassifed Manufacturers USB245 Datasheet HTML 3Page - List of Unclassifed Manufacturers USB245 Datasheet HTML 4Page - List of Unclassifed Manufacturers USB245 Datasheet HTML 5Page - List of Unclassifed Manufacturers USB245 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Timing Information
FIFO READ CYCLE
T5
T6
RXF#
T1
T2
RD#
T3
T4
D0-D7
Min
Max
Unit
T1
RD Active Pulse Width
50
ns
T2
RD to RD Pre-Charge Time
50
ns
T3
RD Active to Valid Data
30
ns
T4
Valid Data Hold from RD inactive
10
ns
T5
RD Inactive to RXF#
5
25
ns
T6
RXF# Inactive after RD cycle
80
ns
FIFO WRITE CYCLE
T12
T11
TXE#
T7
T8
WR
T9
T10
D0-D7
T7
WR Active Pulse Width
50
ns
T8
WR to WR Pre-Charge Time
50
ns
T9
Data Setup Time Before WR Inactive
20
ns
T10
Data Hold Time from WR Inactive
10
ns
T11
WR inactive to TXE#
5
25
ns
T12
TXE# inactive after RD cycle
80
ns



Html Pages

1 2 3 4 5 6