| データシートサーチシステム |
|
UT80C196 データシート(PDF) 39 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
UT80C196 データシート(HTML) 39 Page - Aeroflex Circuit Technology |
|
39 / 42 page ![]() 39 8.0 PACKAGE Notes: 1. All package finishes are per MIL-PRF-38535. 2. Letter designations are for cross-reference to MIL-STD-1835. 3. All leads increase max. limit by 0.003 measured at the center of the flat, when lead finish A (solder) is applied. 4. ID mark: Configuration is optional. 5. Lettering is not subject to marking criteria. 6. Total weight is approx. 8.0 grams. Figure 12. 68-lead Quad Flatpack |